Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJSBE Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # RJSBE
Description  Product Specification S6036C Rev 1.2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

RJSBE Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  RJSBE Datasheet HTML 1Page - Amphenol Communications Solutions RJSBE Datasheet HTML 2Page - Amphenol Communications Solutions RJSBE Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Amphenol Canada Corp.
605 Milner Avenue
Toronto, Ontario, Canada M1B 5X6
www.amphenolcanada.com (www.amphenol-icc.com)
(416) 291-4401
sales@amphenolcanada.com
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN
PERMISSION FROM AMPHENOL CANADA CORP.
Amphenol
Copyright © Amphenol Corporation 2018 ·All rights reserved
Page 2 of 3
MECHANICAL CHARACTERISTICS
About Amphenol
Commercial Products
Amphenol’s commercial
connector products are
used in a variety of end
user applications including
networking, telecom, server
& computer, storage &
HDD, consumer electronics
and entertainment,
professional audio &
Industrial &
Military/Aerospace
.
ELECTRICAL CHARACTERISTICS
Mating Connector Insertion Force
5.0 lbs maximum
Mating Connector Pull Retention
Force
20.0 lbs minimum
Durability
750 mating and unmating cycles for 50µ” gold plating
Recommended Soldering
Temperature
Wave soldering peaked at 260⁰C for 5 seconds maximum
Operating Temperature
-40⁰C to +70⁰C
UL File #: E135615
Amphenol
RJSBE Product Specification S6036C Rev 1.2
Related Products
RJSSE
P/N RJSSE-3081 SHOWN SINGLE
PORT, 8 POSITION, WITH SHIELD
AND LIGHT PIPE
RJHSE
P/N RJHSE-3081 SHOWN SINGLE
PORT, 8 POSITION WITHOUT SHIELD,
WITH LEDs
Contact Resistance
20 mΩ maximum
Insulation Resistance
500 MΩ minimum at 500V DC for 2 minutes max
Current Rating
1.5 Amps per contact
Voltage Rating
125 Volts AC
DWV
1000 VAC, 60 Hz. 1 min
LED Forward DC Current
20mA typical
LED Forward Voltage
1.9 Volts max. @ 2mA (for single colours)
2.6 Volts max. @ 20mA (for Bi-colours)
LED Reverse Voltage
5 Volts minimum
LED Light Intensity
0.4 to 1.5 mcd @ 2mA (for single colors)
0.5 mcd min @ 2mA (for Bi-colors)
LED Wavelength
Yellow: 587± 7 nm measured @ 20mA
Green: 565 ± 6 nm measured @ 20mA
Red: 625 ± 5 nm measured @ 20mA
Supports PoE, PoE+, and PoE++ per IEEE PoE standards
IP20 rated per IEC 60529



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com