Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-2500DS-R14-211 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF-2500DS-R14-211
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500DS-R14-211 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF-2500DS-R14-211 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-211 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x
MF-2500DS-R13-18x
MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
DESCRIPTION
This product is designed to provide high optical
performance for SDH STM-16/SONET OC-48.
Transmitter uses uncooled laser module with drivered
by specific integrated circuit.
Receiver uses PD or APD preamp-module and
integrated circuits for reshaping, retiming and
regenerating optical signal.
FEATURES
Full SONET/SDH line up
Low cost
Compact, low power
-5.2 V,+5V power supply, DC/DC converter built in
for Rx
Case Temp. Range: Class 1; -5 to +75
°C / Class
2; -40 to +85
°C
Clock recovery
Multi source
APPLICATION
Short haul and long haul telecommunication systems
for SDH STM-16 / SONET OC-48.
2.5Gb/s ATM LAN and ATM switching systems.
ABSOLUTE MAXIMUM RATINGS
Stress below listed absolute maximum rating may cause permanent damage to the module.
Th is is a stress o nly and functional operation of the module at these or any other conditions in excess of those
given in the operational sections of this data sheet .
Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
Tc=25
°C
Parameters
Symbol
Ratings
Unit
Vcc
+6.0
V
Supply voltage
Vee
-6.0
V
High output current
-
TBD
mA
Input voltage
-
TBD
V
Storage temperature
Tstg
-40 to +85
°C
Operating case temperature
Tc
class 1:-5 to +75
class 2:-40 to +85
°C
Soldering Temperature
-
+260
°C
Soldering Time
-
10
sec
Relative humidity(non condensation)
-
10 to 80
%
Fiber bend radius
-
32
mm


Similar Part No. - MF-2500DS-R14-211

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZB MITSUBISHI-MF-2500FXD-M41ZB Datasheet
299Kb / 14P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZC MITSUBISHI-MF-2500FXD-M41ZC Datasheet
299Kb / 14P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE-M41ZB MITSUBISHI-MF-2500FXE-M41ZB Datasheet
307Kb / 16P
2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-2500DS-R14-211

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
SONET/SDH TRANSMITTER & RECEIVER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
SONET / SDH RECEIVER MODULE
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
SDH/SONET main amplifier
1997 Nov 26
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com