Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD965
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD965 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD965 Datasheet HTML 1Page - Nanjing International Group Co 2SD965 Datasheet HTML 2Page - Nanjing International Group Co 2SD965 Datasheet HTML 3Page - Nanjing International Group Co 2SD965 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
10
100
1
10
100
1000
100
1000
1
10
100
1000
1000
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.1
1
10
100
1000
10
100
10
100
1
10
100
1000
0.01
0.1
1
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
800
900
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
5000
C
ob
C
ib
REVERSE VOLTAGE V (V)
500
f=1MHz
I
E=0/ IC=0
T
a=25
oC
V
CB
/ V
EB
C
ob
/ C
ib
——
20
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
2000
5000
I
C
V
BEsat
——
β=30
0.6
100
I
C
h
FE
——
T
a=100
oC
T
a=25
oC
V
CE=2V
COLLECTOR CURRENT I
C
(mA)
5000
BASE-EMMITER VOLTAGE V
BE
(mV)
V
CE=2V
T
a=100
oC
T
a=25
℃
I
C
V
BE
——
2
500
I
C
f
T
——
V
CE=6V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
0.3
0.3
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
5000
β=30
COMMON
EMITTER
T
a=25
℃
1.8mA
1.6mA
1.4mA
1.2mA
1mA
0.8mA
0.6mA
0.4mA
I
B=0.2mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
Typical Characteristics
www.cj-elec.com
2
C,Oct,2015
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com