Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS310 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # ABS310
Description  ABS Plastic-Encapsulate Bridge R ectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ABS310 Datasheet(HTML) 2 Page - Nanjing International Group Co

  ABS310 Datasheet HTML 1Page - Nanjing International Group Co ABS310 Datasheet HTML 2Page - Nanjing International Group Co ABS310 Datasheet HTML 3Page - Nanjing International Group Co ABS310 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
Ta
(℃ )
VF(V)
Number of Cycles
FIG.2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.3: TYPICAL FORWARD CHARACTERISTICS
FIG.4:TYPICAL REVERSE CHARACTERISTICS
0
0
160
sine wave R-load
with heatsink
40
80
120
1
0
2
5
10
sine wave
non-repetitive
Tj=25℃
0
8.3ms
1cycle
8.3ms
20
30
40
50
60
70
10
20
50
100
0.01
0.02
0.05
0.1
1
2
4
6
0.5
Ta=25℃
Ta=25℃
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10
100
Voltage(%)
Tj=150℃
Tj=25℃
020
40
60
80
100
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4
0.5
1.0
1.5
2.0
2.5
3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com