Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA45L-AA3-R Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # PZTA45L-AA3-R
Description  NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PZTA45L-AA3-R Datasheet(HTML) 1 Page - Nanjing International Group Co

  PZTA45L-AA3-R Datasheet HTML 1Page - Nanjing International Group Co PZTA45L-AA3-R Datasheet HTML 2Page - Nanjing International Group Co PZTA45L-AA3-R Datasheet HTML 3Page - Nanjing International Group Co PZTA45L-AA3-R Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PZTA44/45
NPN SILICON TRANSISTOR
1of 4
NPN HIGH VOLTAGE
TRANSISTOR
FEATURES
* Collector-emitter voltage:
VCEO=400V(PZTA44)
VCEO=350V(PZTA45)
* Collector current up to 300mA
APPLICATION
* Telephone switching
* High voltage switch
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
PZTA44L-AA3-R
PZTA44G-AA3-R
SOT-223
B
C
E
Tape Reel
PZTA45L-AA3-R
PZTA45G-AA3-R
SOT-223
B
C
E
Tape Reel
DONGGUAN NANJING ELECTRONICS LTD.,
www.dgnjdz.com


Similar Part No. - PZTA45L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZTA45L-AA3-R UTC-PZTA45L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
PZTA45L-AA3-R UTC-PZTA45L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
PZTA45L-AA3-R UTC-PZTA45L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
More results

Similar Description - PZTA45L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com