Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS402-01XX Datasheet(PDF) 39 Page - Microchip Technology

Part # PS402-01XX
Description  Single Chip Battery Manager - Nickel Chemistries
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS402-01XX Datasheet(HTML) 39 Page - Microchip Technology

Back Button PS402-01XX Datasheet HTML 35Page - Microchip Technology PS402-01XX Datasheet HTML 36Page - Microchip Technology PS402-01XX Datasheet HTML 37Page - Microchip Technology PS402-01XX Datasheet HTML 38Page - Microchip Technology PS402-01XX Datasheet HTML 39Page - Microchip Technology PS402-01XX Datasheet HTML 40Page - Microchip Technology PS402-01XX Datasheet HTML 41Page - Microchip Technology PS402-01XX Datasheet HTML 42Page - Microchip Technology PS402-01XX Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
 2003 Microchip Technology Inc.
DS21766A-page 39
PS402-01XX
CFCurr
EE
2
0
65535
6844
Correction Factor for Current. Adjusts the
scaling of the sense resistor current
measurements. Used to calibrate the
measurement of current at the RSHP and
RSHN input pins. This is set for the size of
the current sense resistor.
CFTempE
EE
2
0
65535
1300
Correction Factor for Temperature. Adjusts
the scaling of temperature measured
across an external thermistor at the VNTC
input pin.
CFTempI
EE
2
0
65535
23800
Correction Factor for Temperature. Adjusts
the scaling of temperature measured from
the internal temperature sensor.
Calibration: New CF_TEMP = Old
CF_TEMP x (Thermometer[°C] / SBData
Temperature[°C] )
Note: SBData Temperature is reported in
0.1°K normally. It must be converted to °C
for this equation.
CFVPack
EE
2
0
65535
20045
Correction Factor for Pack Voltage. Adjusts
the scaling of the pack voltage measure-
ments. Used to calibrate the measurement
of pack voltage.
COCurr
EE
1
-128
127
-12
Correction Offset for Current. This is the
value the A/D reads when zero current is
flowing through the sense resistor.
COD
EE
1
-128
127
-12
Correction Offset Deviation - Offset value
for the auto-zero calibration of the current
readings.
SBData Current[mA] = (I_A/D - CO_CURR
- COD) x CF_CURR / 16384
Calibration: CF_CURR = ((Ammeter[mA] x
16384) - 8192) / (Current - I_A/D at OCV)
COTempE
EE
1
-128
127
-2
Correction Offset for Temperature.
Offset = 0 used for temperature
measurement using internal temperature
sensor.
COTempI
EE
2
-32768
32767
-11375
Correction Offset for Temperature.
Offset = 0 used for temperature
measurement using internal temperature
sensor.
COVPack
EE
1
-128
127
0
Correction Offset for Voltage. Offset factor
used for pack voltage reading.
TABLE 8-8:
CALIBRATION (CONTINUED)
Parameter
Name
Loc.
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com