Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD288 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD288
Description  AALUMINUM ELECTROLYTIC CAPACITORSS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD288 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD288 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD288 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CD288/CD288H SERIES
AALUMINUM ELECTROLYTIC CAPACITORSS
●
Load life of 1000 hours at 85℃
●
CD 288H: Load life of 1000 hours at 105℃
●
High frequency and low impedance
■
SPECIFICATIONS
Item
Characteristics
Operating Temperature Range(℃)
-40~+85(CD288H: -40~+105)
-25~+85(CD288H: -25~+105)
Rated Voltage Range (V)
10~100
160~250
Nominal capacitance range (μF)
4.7~3300
Capacitance Tolerance(20℃,120Hz)
±20%
I≤0.01CV (at 20℃ ,after 2minutes)
I≤0.03CV (at 20℃ ,after 2minutes)
Leakage current (μA)
C: Nominal Capacitance (μF) V: Rated Voltage (V)
Dissipation Factor(20℃,120Hz)
Rated Voltage (V)
10
16
25
35
50
63
100
160~250
tanδ
0.20
0.16
0.14
0.12
0.10
0.09
0.08
0.15
when nominal capacitance is over 1000uF tanδ shall be added 0.02 to the listed
value with increase of every 1000μF
Temperature Stability(120Hz)
Rated voltage (v)
10~16
25~100
160
250
Z-40℃/Z+20℃
5
4
-
-
Impedance Ratio
Z-25℃/Z+20℃
-
-
4
7
Load Life(+85℃,CD288H:+105℃)
Time
1000 hours.
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±20% of the initial value.
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life(+85℃,CD288H:+105℃)
Time
500 hours.
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±20% of the initial value.
Dissipation Factor
Not more than 200% of the specified value.
After test: Rated voltage to be applied for 30 minutes, 24 to 48 hours before measurement.
■
DIMENSIONS
MM
Lead spacing and diameter
ΦD±1.0
12.5
16
18
F±0.5
5.0
7.5
7.5
Φd±0.1
0.6
0.8
a
0~+2.0
PAGE
OF
2
1


Similar Part No. - CD288

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
1W x 2 Dual Audio Power Amp
2006-11-A
More results

Similar Description - CD288

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
logo
Dubilier
DVCR DUBILIER-DVCR Datasheet
271Kb / 3P
ELECTROLYTIC - 85째C
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
Aluminum Electrolytic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com