Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD288H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD288H
Description  AALUMINUM ELECTROLYTIC CAPACITORSS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD288H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD288H Datasheet HTML 1Page - List of Unclassifed Manufacturers CD288H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CD288/CD288H SERIES
PAGE
OF
2
2
■ STANDARD RATINGS
WV(V)
10
16
25
35
50
63
Size
Impedance
Size
Impedance
Size
Impedance
Size
Impedance
Size
Impedance
Size
Impedance
Cap
(μF)
ΦDxL
(mm)
Z( Ω)
100KHz
ΦDxL
(mm)
Z( Ω)
100KHz
ΦDxL
(mm)
Z( Ω)
100KHz
ΦDxL
(mm)
Z( Ω)
100KHz
ΦDxL
(mm)
Z( Ω)
100KHz
ΦDxL
(mm)
Z( Ω)
100KHz
100
-
-
-
-
-
-
-
-
-
-
12.5X20
0.540
150
-
-
-
-
-
-
-
-
12.5X20
0.410
12.5X25
0.360
220
-
-
-
-
-
-
12.5X20
0.350
12.5X25
0.280
16X25
0.245
330
-
-
-
-
12.5X20
0.280
12.5X25
0.230
16X25
0.185
16X31.5
0.160
470
-
-
12.5X20
0.245
12.5X25
0.200
12.5X25
0.160
16X31.5
0.130
16X35.5
0.115
680
12.5X20
0.200
12.5X25
0.170
16X25
0.135
16X25
0.110
16X35.5
0.092
18X35.5
0.080
1000 12.5X25
0.140
16X25
0.125
16X25
0.090
16X35.5
0.080
18X35.5
0.060
18X40
0.055
1500
16X25
0.090
16X31.5
0.080
16X35.5
0.060
18X35.5
0.050
18X40
0.040
-
-
2200 16X31.5
0.065
16X35.5
0.050
18X35.5
0.040
18X40
0.035
-
-
-
-
3300 16X35.5
0.042
18X35.5
0.035
18X40
0.030
-
-
-
-
-
-
WV(V)
100
160
250
Size
Impedance
Size
Impedance
Size
Impedance
Cap(μF)
ΦDxL(mm)
Z( Ω)100KHz
ΦDxL(mm)
Z( Ω)100KHz
ΦDxL(mm)
Z( Ω)100KHz
4.7
-
-
-
-
12.5X20
24.47
6.8
-
-
-
-
12.5X20
16.91
10
-
-
-
-
12.5X20
11.54
15
-
-
12.5X20
5.13
12.5X25
7.69
22
-
-
12.5X25
3.50
16X25
5.22
33
-
-
16X25
2.33
16X3.15
3.48
47
12.5X20
1.63
16X31.5
1.64
16X35.5
2.44
68
12.5X25
1.13
16X35.5
1.13
18X35.5
1.69
100
16X25
0.77
18X35.5
0.77
-
-
150
16X31.5
0.51
18X40
0.51
-
-
220
16X35.5
0.35
-
-
-
-
330
18X35.5
0.23
-
-
-
-
470
18X40
0.16
-
-
-
-
■
The specific capacitance and case size are available on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com