Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12AX7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 12AX7
Description  Double Triode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

12AX7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  12AX7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 12AX7 Datasheet HTML 2Page - List of Unclassifed Manufacturers 12AX7 Datasheet HTML 3Page - List of Unclassifed Manufacturers 12AX7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
"Ei-RC" - Electronic tubes factory
Data Sheet
ECC83/12AX7
Page 4 of 4
Telephone:
+381 18 550 741
FAX:
+381 18 550 806
Postal address:
Bul. Sv. Cara Konstantina 80-86, 18000 Nis, Yugoslavia
Electronic mail:
eirc@eierc.com
Web site:
http://www.eierc.com/rc
Application note:
This tube can be used without precautions against microphony in equipment which is characterized by
Vi ≥ 10mV for an output of 50mW (or Vi ≥ 100mV for 5W output), provided that average acceleration of the
tube is not greater than indicated in the Section "Microphonic effect" from the "Application directions". In this
case the disturbance level for hum and noise will be better than -60dB when the center tap of the heater has
been grounded, Rg≤0,5MΩ and Rk is sufficiently decoupled.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com