Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV-MPF2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SV-MPF2
Description  How Filters Trap More Dirt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SV-MPF2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SV-MPF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SV-MPF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SV-MPF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Date :
August 20, 2008
Filter ID :
SV-MPF2
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (
SV-MPF2)
Dp (" H2O)
3.079
Size Range (
microns) Fractional Efficiency (%)
0.3-0.5
47.0
0.5-0.7
64.9
0.7-1.0
76.9
1.0-2.0
90.7
2.0-3.0
96.7
3.0-5.0
99.4
>5.0
100.0
Date :
August 20, 2008
Filter ID :
SV-SPF1
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (
SV-SPF1)
Dp (" H2O)
3.157
Size Range (
microns)Fractional Efficiency (%)
0.3-0.5
99.980
0.5-0.7
99.991
0.7-1.0
99.999
1.0-2.0
100.000
2.0-3.0
100.000
3.0-5.0
100.000
>5.0
100.000
Date :
August 20, 2008
Filter ID :
SV-FILTER (HEPA)
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (
SV-FILTER)
Dp (" H2O)
3.157
Size Range (
microns)Fractional Efficiency (%)
0.3-0.5
99.988
0.5-0.7
99.995
0.7-1.0
100.000
1.0-2.0
100.000
2.0-3.0
100.000
3.0-5.0
100.000
>5.0
100.000
Efficiency
Fractional Efficiency versus Particle Diameter
0
20
40
60
80
100
1
10
Particle Diameter (microns)
Fractional Efficiency (%)
40 cfm (SV-MPF2)
40 cfm (SV-SPF1)
40 cfm (SV-FILTER)
Typical Loading
"Weight Gain (gram)
Alumina Fines"
"Pressure Drop
(mm H2O)"
0.0
655.7
454.0
358.0
908.0
168.0
1362.0
70.6
1816.0
5.1
1828.3
2.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com