Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP10A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZP10A
Description  ZP series silicon rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZP10A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZP10A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZP series silicon rectifier
Weight
g
70
85/200
100/285
200/370
225/425
290/535
650
755
1210
1260
1290
1320
1380
Standard recovery diodes
IF (AV)=5-5000A
V RRM=100-5000V
Hermetic metal case with ceramic insulator
Hermetic glass-metal seal
Metal case with ceramic insulator
Conform to partial national standard
GB4939-1985
Capacity of supporting high surge current
Stud cathode and stud anode version
Main technical parameter
Bolt type
Typical applications
AC/DC converters
DC power supplies
Machine tool controls
Model and meaning
VRRM(Pole number)
IF coefficient
Standard type
Setting feature
Z P
-
Type
No
ZP5A
ZP10A
ZP20A
ZP30A
ZP50A
ZP100A
ZP200A
ZP300A
ZP500A
IF (av)
A
5
10
20
30
50
100
200
300
500
IFSM
A
7.9
16
31
47
79
160
310
300
500
VFM
A
1.6
1.8
ARRM
V
-4-100
VRSM
V
VRRM=90%
VRSM
IRRM
mA
2
6
2
15
Rjc
mA
4.0
2.5
1.4
1.0
0.6
0.3
0.2
0.11
0.068
Tj
-40~150
Weight
g
10
25
27
110
140
205
325
470
925
Tabulate type
Type
No
ZP100A
ZP200A
ZP300A
ZP500A
ZP800A
ZP1000A
ZP1500A
ZP2000A
ZP2500A
ZP3000A
ZP3500A
ZP4000A
ZP5000A
IF (av)
A
100
200
300
500
800
1000
1500
2000
2500
3000
3500
4000
5000
IFSM
A
160
310
470
790
1300
1600
2400
3100
4000
4700
5500
6200
7900
VFM
A
1.8
ARRM
V
100-4500
VRSM
V
VRRM=90%
VRSM
IRRM
mA
5
10
20
25
30
Rjc
mA
0.30
0.20
0.11
0.095
0.068
0.042
0.034
0.021
0.020
0.011
Tj
-40-150


Similar Part No. - ZP10A

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
ZP10A HUAJING-ZP10A Datasheet
501Kb / 3P
Standard Rectifier Diode
More results

Similar Description - ZP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
SILICON RECTIFIER
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
SILICON RECTIFIER
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
SILICON RECTIFIER
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5400 JUXING-1N5400 Datasheet
5Mb / 2P
SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
Silicon Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com