Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951411 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS951411
Description  System Clock Chip for ATI RS400 P4TM-based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951411 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS951411 Datasheet HTML 9Page - Renesas Technology Corp ICS951411 Datasheet HTML 10Page - Renesas Technology Corp ICS951411 Datasheet HTML 11Page - Renesas Technology Corp ICS951411 Datasheet HTML 12Page - Renesas Technology Corp ICS951411 Datasheet HTML 13Page - Renesas Technology Corp ICS951411 Datasheet HTML 14Page - Renesas Technology Corp ICS951411 Datasheet HTML 15Page - Renesas Technology Corp ICS951411 Datasheet HTML 16Page - Renesas Technology Corp ICS951411 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2Ω, RP=49.9Ω, ΙREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Current Source Output
Impedance
Zo
VO = Vx
3000
Ω
1
Voltage HighVHigh
660
850
1,3
Voltage Low
VLow
-150
150
1,3
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage (abs)
Vcross(abs)
250
350
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over
all edges
12
140
mV
1
Long Accuracy
ppm
see Tperiod min-max
values
-300
300
ppm
1,2
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
Absolute min period
Tabsmin
100.00MHz
nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V,
VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V
VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
Duty Cycle
dt3
Measurement from
differential wavefrom
45
55
%
1
Skew
tsk3
VT = 50%
250
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from
differential wavefrom
125
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
mV
Measurement on single
ended signal using
mV
Average period
Tperiod
Statistical measurement
on single ended signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com