Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951416 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS951416
Description  System Clock Chip for ATI RS480
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951416 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS951416 Datasheet HTML 9Page - Renesas Technology Corp ICS951416 Datasheet HTML 10Page - Renesas Technology Corp ICS951416 Datasheet HTML 11Page - Renesas Technology Corp ICS951416 Datasheet HTML 12Page - Renesas Technology Corp ICS951416 Datasheet HTML 13Page - Renesas Technology Corp ICS951416 Datasheet HTML 14Page - Renesas Technology Corp ICS951416 Datasheet HTML 15Page - Renesas Technology Corp ICS951416 Datasheet HTML 16Page - Renesas Technology Corp ICS951416 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
ICS951416
0937H—05/26/05
SMBus Table: CPU Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBus Table: SRC Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBus Table: SRC Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
SMBus Table: SRC Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
Byte 14
-
-
-
-
-
-
-
-
Byte 15
-
Byte 17
These Spread Spectrum
bits in Byte 13 and 14
will program the spread
pecentage of CPU
The decimal
representation of M and
N Divier in Byte 15 and
16 will configure the
SRC VCO frequency.
Default at power up =
latch-in or Byte 0 Rom
table. VCO Frequency
The decimal
representation of M and
N Divier in Byte 15 and
16 will configure the
SRC VCO frequency.
Default at power up =
latch-in or Byte 0 Rom
table. VCO Frequency =
These Spread Spectrum
bits in Byte 17 and 18
will program the spread
pecentage of SRC
-
-
-
-
-
-
-
-
Spread Spectrum
Programming bit(14:8)
-
-
-
-
N Divider Programming
b(7:0)
-
-
-
-
M Divider Programming
bits
-
-
Byte 16
Spread Spectrum
Programming b(7:0)
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com