Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952601 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS952601
Description  Programmable Timing Control HubTM for Next Gen P4TM Processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952601 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS952601 Datasheet HTML 11Page - Renesas Technology Corp ICS952601 Datasheet HTML 12Page - Renesas Technology Corp ICS952601 Datasheet HTML 13Page - Renesas Technology Corp ICS952601 Datasheet HTML 14Page - Renesas Technology Corp ICS952601 Datasheet HTML 15Page - Renesas Technology Corp ICS952601 Datasheet HTML 16Page - Renesas Technology Corp ICS952601 Datasheet HTML 17Page - Renesas Technology Corp ICS952601 Datasheet HTML 18Page - Renesas Technology Corp ICS952601 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
IDTTM
Progammable Timing Control HubTM for Next Gen P4TM Processor
701J—01/25/10
ICS952601
Programmable Timing Control HubTM for Next Gen P4TM Processor
15
The CPU_STOP# signal is an active low input controlling the CPU outputs. This signal can be asserted asynchronously.
CPU_STOP# Functionality
#
P
O
T
S
_
U
P
CU
P
C#
U
P
CC
R
S#
C
R
S6
6
V
3I
C
P
/
F
I
C
PT
O
D
/
B
S
UF
E
Re
t
o
N
1l
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
0r
o
6
*
f
e
r
I
t
a
o
l
F
w
o
Ll
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
Asserting CPU_STOP# pin stops all CPU outputs that are set to be stoppable after their next transition. When the I2C
CPU_STOP tri-state bit corresponding to the CPU output of interest is programmed to a '0', CPU output will stop CPU_True
= HIGH and CPU_Complement = LOW. When the I2C CPU_Stop tri-state bit corresponding to the CPU output of interest is
programmed to a '1', CPU outputs will be tri-stated.
CPU_STOP#
CPU
CPU#
CPU_STOP# - Assertion (transition from '1' to '0')
With the de-assertion of CPU_Stop# all stopped CPU outputs will resume without a glitch. The maximum latency from the
de-assertion to active outputs is 2 - 6 CPU clock periods. If the control register tristate bit corresponding to the output of
interest is programmed to '1', then the stopped CPU outputs will be driven High within 10nS of CPU_Stop# de-assertion to
a voltage greater than 200mV.
CPU_Stop#
Tdrive_CPU_Stop, 10nS >200mV
CPU
CPU#
CPU Internal
CPU_STOP# - De-assertion (transition from '0' to '1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com