Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952606 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS952606
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952606 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS952606 Datasheet HTML 12Page - Renesas Technology Corp ICS952606 Datasheet HTML 13Page - Renesas Technology Corp ICS952606 Datasheet HTML 14Page - Renesas Technology Corp ICS952606 Datasheet HTML 15Page - Renesas Technology Corp ICS952606 Datasheet HTML 16Page - Renesas Technology Corp ICS952606 Datasheet HTML 17Page - Renesas Technology Corp ICS952606 Datasheet HTML 18Page - Renesas Technology Corp ICS952606 Datasheet HTML 19Page - Renesas Technology Corp ICS952606 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
The time from the de-assertion of PD# or until power supply ramps to get stable clocks will be less than 1.8ms. If the drive
mode control bit for PD# tristate is programmed to '1' the stopped differential pair must first be driven high to a minimum of
200mV in less than 300
µs of PD# deassertion.
PWRDWN#
Tstable
<1.8mS
Tdrive_PwrDwn#
<300
µS, >200mV
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC# 100MHz
3V66, 66MHz
USB, 48MHz
PCI, 33MHz
REF, 14.31818
PD# De-assertion
The 3V66_4/VCH pin can be configured to be a 66.66MHz modulated output or a non-spread 48MHz output. The default is
3V66 clock. The switching is controlled by Byte 5 Bit 5. If it is set to '1' this pin will output the 48MHz VCH clock. The output
will go low on the falling edge of 3V66 for a minimum of 7.49ns. Then the output will transition to 48MHz on the next rising
edge of DOT_48 clock.
3V66
3V66_4/VCH
DOT_48
7.49nS min
3V66_3/VCH Pin Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com