Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952623YGLFT Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS952623YGLFT
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623YGLFT Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS952623YGLFT Datasheet HTML 17Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 18Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 19Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 20Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 21Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 22Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 23Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 24Page - Renesas Technology Corp ICS952623YGLFT Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
The following diagrams illustrate CPU clock timing during CPU_Stop# and PwrDwn# modes with CPU_PwrDwn and
CPU_Stop tristate control bits set to driven or tristate in byte 2 of the control register.
CPU_Stop = Driven, CPU_Pwrdwn = Driven
CPU_Stop#
1.8mS
PD#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. When both bits (CPU_Stop & CPU_Pwrdown tristate bits) are low, the clock chip will never tristate CPU output clocks
(assuming clock's OE bit is set to "1")
CPU Clock Tristate Timing
CPU_Stop = Tristate, CPU_Pwrdwn = Driven
CPU_Stop#
1.8mS
PD#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. Tristate outputs are pulled low by output termination resistors as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com