Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952702 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS952702
Description  Programmable Timing Control Hub for K7TM System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952702 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS952702 Datasheet HTML 8Page - Renesas Technology Corp ICS952702 Datasheet HTML 9Page - Renesas Technology Corp ICS952702 Datasheet HTML 10Page - Renesas Technology Corp ICS952702 Datasheet HTML 11Page - Renesas Technology Corp ICS952702 Datasheet HTML 12Page - Renesas Technology Corp ICS952702 Datasheet HTML 13Page - Renesas Technology Corp ICS952702 Datasheet HTML 14Page - Renesas Technology Corp ICS952702 Datasheet HTML 15Page - Renesas Technology Corp ICS952702 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
Electrical Characteristics - AGPCLK, ZCLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
VOH = 1.0 V
-33
VOH = 3.135 V
-33
mA
VOL = 1.95 V
38
VOL = 0.4 V
30
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
2.2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.9
2.2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50.5
55
%
Skew
tsk1
1
VT = 1.5 V
70
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
240
250
ps
Output High Current
IOH
1
Output Low Current
IOL
1
Electrical Characteristics - REF
TA = 0 - 70°C; VDD = 3.3 V , +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.6
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.6
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
4553
55%
tjcyc-cyc5
VT = 1.5 V
210
1000
ps
tjabs5
VT = 1.5 V
800
ps
Jitter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com