Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS954201
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954201 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS954201 Datasheet HTML 1Page - Renesas Technology Corp ICS954201 Datasheet HTML 2Page - Renesas Technology Corp ICS954201 Datasheet HTML 3Page - Renesas Technology Corp ICS954201 Datasheet HTML 4Page - Renesas Technology Corp ICS954201 Datasheet HTML 5Page - Renesas Technology Corp ICS954201 Datasheet HTML 6Page - Renesas Technology Corp ICS954201 Datasheet HTML 7Page - Renesas Technology Corp ICS954201 Datasheet HTML 8Page - Renesas Technology Corp ICS954201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
ICS954201
0819H—02/17/06
ICS954201 is a CK410M Yellow Cover clock synthesizer. ICS954201 provides a single-chip solution for mobile systems built
with Intel P4-M processors and Intel mobile chipsets. ICS954201 is driven with a 14.318MHz crystal and generates CPU
outputs up to 400MHz. It provides the tight ppm accuracy required by Serial ATA and PCI-Express.
General Description
Block Diagram
Power Groups
VDD
GND
48
51
Xtal, Ref
1,7
2,6
PCICLK outputs
21,28,34
29
SRCCLK outputs
37
38
Master clock, CPU Analog
11
13
DOT, USB, PLL_48
42
45
CPUCLK clocks
Description
Pin Number
PROG.
SPREAD
MAIN PLL
PCICLK(5:2)
CONTROL
LOGIC
XTAL
OSC.
CPUCLK(1:0)
FIXED PLL
USB_48MHz
DIVIDER
PROG.
DIVIDERS
REF
SRCCLK(6:0)
ITP_EN
SDATA
SCLK
TEST_MODE
X1
X2
IREF
FS(C:A)
TEST_SEL
VTT_PWRGD#/PD
DOT_96MHz
PCICLK_F(1:0)
CPUCLK2_ITP/SRCCLK7
PCI/SRC_STOP#
CPU_STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com