Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-S620/S Datasheet(PDF) 2 Page - Sony Corporation

Part # RC-S620/S
Description  Embedded NFC Reader Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

RC-S620/S Datasheet(HTML) 2 Page - Sony Corporation

  RC-S620/S Datasheet HTML 1Page - Sony Corporation RC-S620/S Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATIONS
RC-S620/S
Regulation requirements
[Japan] No.: AC-09001
[USA] FCC ID : AK8RCS620S
[Europe] CE RE (2014/53/EU)
For details of other regulation requirements, please contact us.
Communication distance*1
Approx.20 mm
Communication method
Conforms to ISO/IEC 18092 (212 kbps / 424 kbps Passive communication mode)
Conforms to ISO/IEC 14443 Type A / Type B
Communication speed (per card and device)
106 kbps*2, 212 kbps, 424 kbps*3
Carrier frequency
13.56 MHz
Operating temperature / humidity*4
(no condensation)
-10 °C to +40 °C / 20%RH to 90%RH
40 °C to 60 °C / 50%RH or lower
Storage temperature / humidity
(no condensation)
-30 °C to +70 °C / 60%RH or lower
External interface
UART 9.6 kbps to 460 kbps
(Initial speed at power-on is 115 kbps: speed can be changed on command)
Mass
Approx.17 g
External dimensions (W × H × D)
70 mm × 3.1 mm × 43 mm
Operating voltage / Consumption current
(during operation)
DC3.3 V / Max.100 mA or DC5.0 V / Max.100 mA
*1 The communication distance depends on peripheral environment. Under ideal conditions, this value is unaffected by electromagnetic waves or metallic substances.
*2 When using ISO/IEC 14443 Type A / Type B cards.
*3 Available only when the card or device to be used is compatible with the 424 kbps transfer mode.
*4 Function assurance temperature.
. While this product does not contain any encryption processing functions, access to a secure area on a card may be realized via communication with an encryption server.
. Please lake any measures necessary to comply with the laws and regulations of each country and region where the product is to be marketed.
. Features, design, and specifications are subject to change without notice.
. SONY and FeliCa are registered trademarks or trademarks of Sony Group Corporation or its affiliates.
. FeliCa is a contactless IC card technology developed by Sony Corporation.
. All other trademarks are the property of their respective owners.
Sony Corporation
FeliCa Business Division, Service Business Group
Sony City Osaki 2-10-1 Osaki Shinagawa-ku, Tokyo, 141-8610 Japan
FeliCa website
sony.net/felica/
June, 202 1
E2012-05-07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com