Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAC18 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSAC18
Description  Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSAC18 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSAC18 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSAC18 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSAC18 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSAC18 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSAC18
Type
SSAC18GK08
SSAC18GK12
SSAC18GK14
SSAC18GK16
SSAC18GK18
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=TVJM
TC=85
oC; 180o sine
40
18
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
400
420
350
370
A
ITSM, IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
800
730
600
570
A
2s
i
2dt
(di/dt)cr
150
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
10
5
W
PGAV
0.5
W
ITRMS, IFRMS
ITAVM, IFAVM
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M5)
Terminal connection torque (M5)
_
2.5-4.0/22-35
2.5-4.0/22-35
Nm/lb.in.
Weight
90
g
TVJ=TVJM
repetitive, IT=45A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.45A
non repetitive, IT=ITAVM
diG/dt=0.45A/us
VRGM
10
V
Typical including screws
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)


Similar Part No. - SSAC18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SSAC18 SIRECTIFIER-SSAC18 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18GK08 SIRECTIFIER-SSAC18GK08 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18GK12 SIRECTIFIER-SSAC18GK12 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18GK14 SIRECTIFIER-SSAC18GK14 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18GK16 SIRECTIFIER-SSAC18GK16 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
More results

Similar Description - SSAC18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
SSAC116 SIRECTIFIER-SSAC116 Datasheet
553Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100 SIRECTIFIER-SSAC100 Datasheet
912Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC90 SIRECTIFIER-SSAC90 Datasheet
453Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC70 SIRECTIFIER-SSAC70 Datasheet
560Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC27 SIRECTIFIER-SSAC27 Datasheet
548Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC49 SIRECTIFIER-SSAC49 Datasheet
545Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC60 SIRECTIFIER-SSAC60 Datasheet
544Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18 SIRECTIFIER-SSAC18 Datasheet
595Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
Nell Semiconductor Co.,...
NK100KQ NELLSEMI-NK100KQ Datasheet
825Kb / 5P
Anti-parallel Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com