Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNH2 Datasheet(PDF) 6 Page - SPANSION

Part # S75WS256NDFBAWNH2
Description  Stacked Multi-Chip Product (MCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNH2 Datasheet(HTML) 6 Page - SPANSION

Back Button S75WS256NDFBAWNH2 Datasheet HTML 2Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 3Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 4Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 5Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 6Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWNH2 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
S73WS-P based MCP Products
S73WS-P_00_A0 March 16, 2006
Data
Sheet
( A dva n ce
I n f o r m a t i on)
3.2
NOR Flash and DRAM Input/Output Descriptions
Amax-A0
=
Address inputs, shared between NOR Flash and DRAM
DQ15-DQ0
=
Data input/output, shared between NOR Flash and DRAM
F-CE#
=
NOR Flash Chip-enable input. Asynchronous relative to CLK for Burst Mode.
F-OE#
=
NOR Flash Output Enable input. Asynchronous relative to CLK for Burst mode.
F-WE#
=
NOR Flash Write Enable input.
F-VCC
=
NOR Flash device power supply (1.7 V - 1.95V).
F-VCCQ
=
Input/Output Buffer power supply.
VSS
=Ground
RFU
=
Reserved for Future Use
F-RDY
=
Flash ready output. Indicates the status of the Burst read. VOL = data valid.
F-CLK
=
NOR Flash Clock. The first rising edge of CLK in conjunction with AVD# low latches the address input
and activates burst mode operation. After the initial word is output, subsequent rising edges of CLK
increment the internal address counter. CLK should remain low during asynchronous access.
F-AVD#
=
NOR Flash Address Valid input. Indicates to device that the valid address is present on the address
inputs.
VIL = for asynchronous mode, indicates valid address; for burst mode, causes starting address to be
latched on rising edge of CLK.
VIH= device ignores address inputs
F-RST#
=
NOR Flash hardware reset input. VIL= device resets and returns to reading array data
F-WP#
=
NOR Flash hardware write protect input. VIL = disables program and erase functions in the four
outermost sectors.
F-ACC
=
NOR Flash accelerated input. At VHH, accelerates programming; automatically places device in unlock
bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions.
D-CE#
=
SDRAM Chip Select
D-CKE
=
SDRAM Clock Enable
D-BA1-BA0
=
SDRAM Bank Select
D-RAS#
=
SDRAM Row Address Strobe
D-CAS#
=
SDRAM Column Address Strobe
D-DM1-D-DM0
=
SDRAM Data Input/Output Mask
D-WE#
=
SDRAM Write Enable input
D-VSS
=
SDRAM Ground
D-VSSQ
=
SDRAM Input/Output Buffer ground
D-VCCQ
=
SDRAM Input/Output Buffer power supply
D-VCC
=
SDRAM device power supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com