Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF80 Datasheet(PDF) 1 Page - GardTec, Inc.

Part # PRF80
Description  Bright Nickel Chrome Plating
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GARDTEC [GardTec, Inc.]
Direct Link  https://gardtecinc.com/
Logo GARDTEC - GardTec, Inc.

PRF80 Datasheet(HTML) 1 Page - GardTec, Inc.

  PRF80 Datasheet HTML 1Page - GardTec, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Steel


Similar Part No. - PRF80

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PRF8T2 SCHNEIDER-PRF8T2 Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel 120V
Apr 8, 2020
PRF8T2BUN SCHNEIDER-PRF8T2BUN Datasheet
54Kb / 2P
APC Performance SurgeArrest 8 Outlet W/2 line Tel protection -3 pack
Apr 8, 2020
PRF8TT SCHNEIDER-PRF8TT Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel-2 120V
Apr 8, 2020
More results

Similar Description - PRF80

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427E HAMMOND-1427E Datasheet
90Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
logo
E-SWITCH
K400102 E-SWITCH-K400102 Datasheet
90Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400104 E-SWITCH-K400104 Datasheet
94Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400121 E-SWITCH-K400121 Datasheet
136Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400124 E-SWITCH-K400124 Datasheet
252Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
logo
GardTec, Inc.
PRF120 GARDTEC-PRF120 Datasheet
2Mb / 1P
Bright Nickel Chrome Plating
PRF40 GARDTEC-PRF40 Datasheet
2Mb / 1P
Bright Nickel Chrome Plating
PRF60 GARDTEC-PRF60 Datasheet
2Mb / 1P
Bright Nickel Chrome Plating
PRF92 GARDTEC-PRF92 Datasheet
2Mb / 1P
Bright Nickel Chrome Plating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com