Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBMB16R07 Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # VBMB16R07
Description  N-Channel 600V (D-S) Super Junction Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB16R07 Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

Back Button VBMB16R07 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd VBMB16R07 Datasheet HTML 11Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TO-220AB
Notes
* M = 1.32 mm to 1.62 mm (dimension including protrusion)
Heatsink hole for HVM
M*
3
2
1
Ø P
A
F
J(1)
b(1)
e(1)
e
E
b
C
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
b
0.69
1.01
0.027
0.040
b(1)
1.20
1.73
0.047
0.068
c
0.36
0.61
0.014
0.024
D
14.85
15.49
0.585
0.610
E
10.04
10.51
0.395
0.414
e
2.41
2.67
0.095
0.105
e(1)
4.88
5.28
0.192
0.208
F
1.14
1.40
0.045
0.055
H(1)
6.09
6.48
0.240
0.255
J(1)
2.41
2.92
0.095
0.115
L
13.35
14.02
0.526
0.552
L(1)
3.32
3.82
0.131
0.150
Ø P
3.54
3.94
0.139
0.155
Q
2.60
3.00
0.102
0.118
ECN: X12-0208-Rev. N, 08-Oct-12
DWG: 5471
www.VBsemi.com
VBM16R07 / VBMB16R07
VBE16R07 / VBFB16R07
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com