Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNH0 Datasheet(PDF) 3 Page - SPANSION

Part # S75WS256NDFBAWNH0
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNH0 Datasheet(HTML) 3 Page - SPANSION

  S75WS256NDFBAWNH0 Datasheet HTML 1Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 2Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 3Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 4Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 5Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 6Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Publication Number S75WS-N_02
Revision A Amendment 2 Issue Date October 6, 2005
General Description
The S75WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of the following items:
One or more S29WS-N code Flash
RAM Type 4
One or more S29WS-N data Flash, or one or more S30MS-P ORNAND Flash
The products covered by this document are listed in the table below:
Distinctive Characteristics
MCP Features
Power supply voltage of 1.7 V to 1.95 V
High Performance
— 54 MHz, 66 Mhz, 80 MHz
Packages
—9 x 12 mm 84 ball FBGA
— 11 x 13 mm 115 ball FBGA
Operating Temperature
— Wireless, –25°C to +85°C
S75WS-N Based MCPs
Stacked Multi-Chip Product (MCP)
256 Megabit (16M x 16-bit) CMOS 1.8 Volt-only
Simultaneous Read/Write, Burst-mode Flash Memory with
128 Mb (8M x 16-Bit) RAM Type 4 and
512 Mb (32M x 16-bit) Data Flash or 1Gb ORNAND Flash
Data Sheet
PRELIMINARY
Device
Code Flash
Density
RAM
Density
NOR Data Flash
Density
ORNAND Data Flash
Density
256 Mb
128 Mb
256 Mb
512 Mb
1024 Mb
S75WS256NDF
S75WS256NEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com