Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165-15 Datasheet(PDF) 3 Page - Amphenol Industrial Products Group.

Part # 165-15
Description  Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

165-15 Datasheet(HTML) 3 Page - Amphenol Industrial Products Group.

  165-15 Datasheet HTML 1Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 2Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 3Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 4Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 5Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 6Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 7Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 8Page - Amphenol Industrial Products Group. 165-15 Datasheet HTML 9Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1
E
P
J
C
* RATING - “B” rating is for insert 14-5 which takes a higher voltage;
“A” rating is for other inserts.
** TYPICAL FLASHOVER VOLTAGES AT STANDARD CONDITIONS
(unsealed) Refers to connectors with no provisions for sealing front or rear areas.
(sealed)
Refers to connectors that are potted or pressurized in mounting, with
front and rear areas sealed.
Voltage Rating
Rating**
Mechanical
Spacing
(Nominal)
Flashover
V-RMS*
Test
V-RMS*
Recommended
Working Voltage
DC
AC
Sea Level
(unsealed)
A
B
.034
.046
2,000
2,300
1,500
1,800
700
840
500
600
Sea Level
(sealed)
A
B
.034
.046
2,500
3,000
2,000
2,500
700
840
500
600
70,000 ft.
(unsealed)
A
B
.034
.046
500
600
375
450
175
210
125
150
70,000 ft.
(sealed)
A
B
.034
.046
2,500
3,000
1,500
1,800
700
840
500
600
Amphenol 67 Series “Minni E”
environmental resistant cylindrical connectors
DESIGN CHARACTERISTICS
• Approximately half the weight of standard
cylindricals
• Quick, positive, stainless steel bayonet coupling
• Operating temperatures from -67°F to +257°F per
MIL-C-5015
• Sealed connectors capable of 1500 VRMS at
70,000 ft. altitude
• Vibration resistance of 10 to 2,000 cps at 20Gs
• Interfacial seal of neoprene rubber with individual
contact barriers
• Moisture resistance exceeds MIL-C-5015 require-
ments with potting
• UL approved recognition file E115497
CUSTOMER OPTIONS
• Five shell styles
• Choice of unitized back end grommet or provision
for potting
• Seventeen insert configurations
• Four construction classes available:
•E - with unitized grommet for individual wire seal
•P - includes potting mold
•J - sealing clamp for jacketed cable
•C - vise action with two-screw strain relief
Shell components are fabricated from high grade aluminum
with gray anodize finish and stainless steel bayonet pins and
slots. Contacts are copper alloy gold over nickel plate.
Inserts are diallyl phthalate, providing high arc and insula-
tion resistance under both humidity and thermal stress con-
ditions. Positive locking action is provided by the spring-
loaded coupling ring.
Amphenol® 67 Series connectors are ideal for applications
that require a light to medium weight, durable, environmen-
tally sealed connector.
For additional information on Amphenol® 67 Series connec-
tors, or for special application requirements, contact your
local sales office, authorized distributor, or
Amphenol Corporation
Amphenol Aerospace
40-60 Delaware Avenue
Sidney, New York 13838-1395
Phone: 607-563-5011
Fax: 607-563-5157
www.amphenol-aerospace.com
Amphenol Aerospace is a certified ISO 9001 manufacturer.
®



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com