Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN810 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STYN810
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STYN810 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STYN810 Datasheet HTML 1Page - List of Unclassifed Manufacturers STYN810 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN210(S) thru STYN1010(S)
Discrete Thyristors(SCRs)
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
STANDARD
THERMAL RESISTANCES
Symbol
Test Conditions
TYNx08(S)
Unit
IGT
VD = 12 V
RL = 33 W
MAX.
15
mA
VGT
MAX.
V
VGD
VD = VDRM
IG =40mA dIG/dt = 0.5
RL = 3.3 kW
Tj = 110°C
MIN.
0.2
V
IH
IT = 100 mA Gate open
MAX.
30
mA
IL
IG = 1.2 IGT
TYP
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 110°C
MIN.
200
V/µs
VTM
ITM = 20 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Tj = 110°C
IDRM
IRRM
VDRM
VRRM
Tj = 25°C
MAX.
Tj = 110°C
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
2.5
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
S =1.0 cm ²
S= copper surface under tab
TO-263
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Package
x10
15 mA
TO-220AB
200~~1000
200~~1000
STYN x10S
15 mA
TO-263
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
1.5 g
50
Tube
S T Y N x10
S T Y N x10
2.3 g
250
B ulk
STYN x10S
S T Y N
STYN x10S
Tj = 25°C
Tj = 25°C
1.5
tgt
VD = VDRM
µs
A/
Tj = 25°C
Tj = 25°C
Tj = 25°C
tq
VD = 67 % VDRM ITM=20A VR =25V
dITM/dt=30
µs dVD/dt=50V
A/
/µs
rated
rated
TYP
TYP
70
0.01
2
50
2
µs
µs
µs
mA
45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com