Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLCC2003MH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SLCC2003MH
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC2003MH Datasheet(HTML) 2 Page - Vishay Siliconix

  SLCC2003MH Datasheet HTML 1Page - Vishay Siliconix SLCC2003MH Datasheet HTML 2Page - Vishay Siliconix SLCC2003MH Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLCC
Hermetic, 50 Mil Pitch, Leadless Chip Resistor
Networks
Vishay Sfernice
Document Number: 60014
For technical questions contact sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
35
DIMENSIONS in inches and millimeters
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
PIN NUMBER
16, 20, 24
TCR:
Tracking
± 2 ppm/°C (typical)/5 ppm/°C Max.
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C Max.
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.1 % to 1.0 % tighter specs on request
Absolute
± 0.1 % to 5.0 % tighter specs on request
Power Rating:
Resistor
50 mW
at + 70 °C
Package
250 mW 500 mW 1 W
at + 70 °C
Stability (
ΔR Ratio)
0.05 %
1000 hrs at + 70 °C under Pn
Voltage Coefficient
< 0.1 ppm/V
Working Voltage
100 VDC on R
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
- 35 dB typical
Thermal EMF
0.1 µV/°C
Shelf Life Stability
< 50 ppm
1 year at + 25 °C
AB
CD
E
F
G
H
16 Pin
0.050"
0.300"
0.300"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
7.62
7.62
1.96
0.635
1.27
1.02
0.508
20 Pin
0.050"
0.350"
0.350"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
8.89
8.89
1.96
0.635
1.27
1.02
0.508
24 Pin
0.050"
0.400"
0.400"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
10.16
10.16
1.96
0.635
1.27
1.02
0.508
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SLCC24A01-10KF0005
GLOBAL MODEL
SCHEMATIC
VALUE
TOL.
SPECIAL
SLCC16
SLCC20
SLCC24
A
B
A01
A03
A06
Decimal
R, K or M
B (0.1 % 0.1 %)
D (0.5 % 0.25 %)
F (1.0 % 0.5 %)
G (2.0 % 1.0 %)
J (5.0 % 1.0 %)
Historical Part Number example: SLCC
24
A01
10K
F
R0005
e4
B
D
Max.
G
Typ.
A
Typ.
E
Typ.
H
Index
Corner
F
C
Terminal #1
Indicator
Terminal #1
R Typ.
LC
C
2
4
A
0
1
-
S
10
K
F
00
05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com