Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVR533D2S8F4/512I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KVR533D2S8F4/512I
Description  Memory Module Specifications (512MB 64M x 72-BIT PC2-4200 CL4 ECC 240-Pin FBDIMM)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KVR533D2S8F4/512I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KVR533D2S8F4/512I Datasheet HTML 1Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 2Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 3Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 4Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 5Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 6Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DIMM Connector Pin Description:
Pin Name
Pin Description
Count
SCK
System Clock Input, positive line1
1
SCK
System Clock Input, negative line1
1
PN[13:0]
Primary Northbound Data, positive lines
14
PN[13:0]
Primary Northbound Data, negative lines
14
PS[9:0]
Primary Southbound Data, positive lines
10
PS[9:0]
Primary Southbound Data, negative lines
10
SN[13:0]
Secondary Northbound Data, positive lines
14
SN[13:0]
Secondary Northbound Data, negative lines
14
SS[9:0]
Secondary Southbound Data, positive lines
10
SS[9:0]
Secondary Southbound Data, negative lines
10
SCL
Serial Presence Detect (SPD) Clock Input
1
SDA
SPD Data Input / Output
1
SA[2:0]
SPD Address Inputs, also used to select the DIMM number in the AMB
3
VID[1:0]
Voltage ID: These pins must be unconnected for DDR2-based Fully Buffered DIMMs
VID[0] is VDD value: OPEN = 1.8 V, GND = 1.5 V; VID[1] is VCC value: OPEN = 1.5 V, GND = 1.2 V
2
RESET
AMB reset signal
1
RFU
Reserved for Future Use2
16
VCC
AMB Core Power and AMB Channel Interface Power (1.5 Volt)
8
VDD
DRAM Power and AMB DRAM I/O Power (1.8 Volt)
24
VTT
DRAM Address/Command/Clock Termination Power (V DD/2)
4
VDDSPD
SPD Power
1
VSS
Ground
80
DNU/M_Test
The DNU/M_Test pin provides an external connection on R/Cs A-D for testing
the margin of Vref which is produced by a voltage divider on the module. It
is not intended to be used in normal system operation and must not be
connected (DNU) in a system. This test pin may have other features on future card designs
and if it does, will be included in this specification at that time.
1
1
Total
240
1. System Clock Signals SCK and SCK switch at one half the DRAM CK/CK frequency
2. Eight pins reserved for forwarded clocks, eight pins reserved for future architecture flexibility
VALUERAM0502-001.A00
Page 3
TECHNOLOGY
Absolute Maximum Ratings
095
°C
AMB device operating temperature (Ambient)
0110
°C
Symbol
Parameter
MIN
MAX
Units
VIN
, VOUT Voltage on any pin relative to V SS
-0.3
1.75
V
VCC
Voltage on V CCpin relative to V SS
-0.3
1.75
V
VDD
Voltage V DD pin relative to Vss
-0.5
2.3
V
VTT
Voltage on V TT pin relative to V SS
-0.5
2.3
V
TSTG
Storage temperature
-55
100
°C
TCASE
DDR2 SDRAM device operating temperature (Ambient)
Note: (1) Above 85°C DRAM case temperature the Auto-Refresh command interval has to be reduced to tREFI = 3.9 µs.
95 (1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com