Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCGD6SP0010Y Datasheet(PDF) 3 Page - ITT Industries

Part # TMCGD6SP0010Y
Description  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMCGD6SP0010Y Datasheet(HTML) 3 Page - ITT Industries

  TMCGD6SP0010Y Datasheet HTML 1Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 2Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 3Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 4Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 5Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
K–13
C&K TM Series
Miniature Snap-acting Switches
ELECTRICAL RATING
MOUNTING STYLE
V
Metric
S Standard
• AVAILABLE
x NOT AVAILABLE
•••
H3
xx
•
G6
•••
F5
•••
D6
MAXIMUM OPERATING
FORCE (OZ./GRAMS)
1.76/50
2.65/75
5.29/150
CF
CG
CJ
ELECTRICAL
RATING
AVAILABLE COMBINATIONS
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
Recommended maximum screw size: 4-40.
NOTE: Torque mounting screws 2-5 in/lbs.
Recommended maximum screw size: 3 mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com