Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSHD-F101 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LSHD-F101
Description  0.39 inch (10.0mm) digit height single-digit display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-F101 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LSHD-F101 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-F101 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-F101 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-F101 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-F101 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
  
 

 

 !""#$$ $ 
% &'$&$(
))*'$&
 $ $   $  
)$+$)$
 $ $$$(
$'&$' $ $(

 ,  - .    ! ""# /01 ,0 1 -02,/01
/-32.4 -/,5,6-,- 2$. 3-!2$.,3
 .- -67-18.1,#   , /-32.4 .- 20 1 08.4 ., ./ 9 1,
-,0",1-



2$.

""/,
1 ./,".2


Similar Part No. - LSHD-F101

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSHD-5503 LITEON-LSHD-5503 Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503A LITEON-LSHD-5503A Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503B LITEON-LSHD-5503B Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503C LITEON-LSHD-5503C Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503D LITEON-LSHD-5503D Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
More results

Similar Description - LSHD-F101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSD4H13C FAIRCHILD-MSD4H13C Datasheet
343Kb / 6P
10.0mm (0.39 inch) Two Digit NUMERIC STICK DISPLAY
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
0.39 Inch Single Digit Display
logo
Ningbo Foryard Optoelec...
FYS-3911AX-00 FORYARD-FYS-3911AX-00 Datasheet
391Kb / 5P
0.39 Inch (9.90mm) digit height Single Digit Display
FYS-3911CX-00 FORYARD-FYS-3911CX-00 Datasheet
391Kb / 5P
0.39 Inch (9.90mm) digit height Single Digit Display
FYS-3912AX-00 FORYARD-FYS-3912AX-00 Datasheet
391Kb / 5P
0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3912CX-00 FORYARD-FYS-3912CX-00 Datasheet
390Kb / 5P
0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3913AX-00 FORYARD-FYS-3913AX-00 Datasheet
403Kb / 5P
0.39 Inch (9.90mm) digit height Single Digit Display
FYS-3914AX-00 FORYARD-FYS-3914AX-00 Datasheet
384Kb / 5P
0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3911AX-00 FORYARD-FYS-3911AX-00 Datasheet
390Kb / 5P
0.39 Inch (9.90mm) digit height Single Digit Display
FYS-3911AX-XX FORYARD-FYS-3911AX-XX Datasheet
390Kb / 5P
0.39 Inch (9.90mm) digit height Single Digit Display
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com