Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF245B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF245B
Description  VHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF245B Datasheet HTML 4Page - NXP Semiconductors BLF245B Datasheet HTML 5Page - NXP Semiconductors BLF245B Datasheet HTML 6Page - NXP Semiconductors BLF245B Datasheet HTML 7Page - NXP Semiconductors BLF245B Datasheet HTML 8Page - NXP Semiconductors BLF245B Datasheet HTML 9Page - NXP Semiconductors BLF245B Datasheet HTML 10Page - NXP Semiconductors BLF245B Datasheet HTML 11Page - NXP Semiconductors BLF245B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF245B
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with epoxy glass dielectric (
εr = 4.5),
thickness 1
⁄16 inch. The other side of the board is fully metallized and used as a ground plane. The ground planes on
each side of the board are connected together by means of copper straps and hollow rivets.
C8, C10
multilayer ceramic chip capacitor
(note 1)
680 pF
C11, C20
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C13, C18
electrolytic capacitor
10
µF, 63 V
C15, C16
multilayer ceramic chip capacitor
(note 1)
100 pF
C21, C27
multilayer ceramic chip capacitor
(note 1)
75 pF
C23
multilayer ceramic chip capacitor
(note 1)
36 pF
L1, L3, L20, L22
stripline (note 2)
55
Ω
length 111 mm
width 2.5 mm
L2, L21
semi-rigid cable
50
Ω
length 111 mm
ext. dia. 2.2 mm
L4, L5
stripline (note 2)
49.5
Ω
length 28 mm
width 3 mm
L6, L7
stripline (note 2)
49.5
Ω
length 22.5 mm
width 3 mm
L8, L9
stripline (note 2)
49.5
Ω
length 4.5 mm
width 3 mm
L10, L11
grade 3B Ferroxcube RF choke
4312 020 36642
L12, L13
stripline (note 2)
49.5
Ω
length 21 mm
width 3 mm
L14, L15
4 turns enamelled 1 mm copper
wire
70 nH
length 9 mm
int. dia. 6 mm
leads 2
× 5 mm
L16, L17
stripline (note 2)
49.5
Ω
length 30 mm
width 3 mm
L18, L19
stripline (note 2)
49.5
Ω
length 26 mm
width 3 mm
R1, R2
0.4 W metal film resistor
10
Ω
R3, R4
10 turns potentiometer
50
Ω
R5, R6
0.4 W metal film resistor
205 k
Ω
R7, R8
0.4 W metal film resistor
10
Ω
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com