Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWSJ2 Datasheet(PDF) 12 Page - SPANSION

Part # S75WS256NDFBAWSJ2
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWSJ2 Datasheet(HTML) 12 Page - SPANSION

Back Button S75WS256NDFBAWSJ2 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 10Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 11Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 12Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 13Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 14Page - SPANSION S75WS256NDFBAWSJ2 Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
10
S75WS-N Based MCPs
S75WS-N_02_A2 October 6, 2005
Prel imi n ary
5.4
Physical Dimensions – FEA084 – Fine Pitch Ball Grid Array 9 x 12 mm
3423 \ 16-038.21a
PACKAGE
FEA 084
JEDEC
N/A
D x E
12.00 mm x 9.00 mm
NOTE
PACKAGE
SYMBOL
MIN
NOM
MAX
A
---
---
1.40
PROFILE
A1
0.10
---
---
BALL HEIGHT
A2
1.11
---
1.26
BODY THICKNESS
D
12.00 BSC.
BODY SIZE
E
9.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
84
BALL COUNT
Ø b
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
A2,A3,A4,A5,A6,A7,A8,A9
DEPOPULATED SOLDER BALLS
B1,B10,C1,C10,D1,D10
E1,E10,F1,F10,G1,G10
H1,H10,J1,J10,K1,K10,L1,L10
M2,M3,M4,M5,M6,M7,M8,M9
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
C
0.08
0.20 C
A
E
B
C
0.15
(2X)
C
D
C
0.15
(2X)
INDEX MARK
10
6
b
TOP VIEW
SIDE VIEW
CORNER
84X
A1
A2
A
PIN A1
ML
E1
7
SE
A
D1
eD
DC
E
F
G
H
J
K
10
8
9
7
6
4
3
2
1
eE
5
B
PIN A1
CORNER
7
SD
BOTTOM VIEW
0.15
C A B
M
C
M
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com