Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1990 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1990
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1990 Datasheet HTML 1Page - Microsemi Corporation LX1990 Datasheet HTML 2Page - Microsemi Corporation LX1990 Datasheet HTML 3Page - Microsemi Corporation LX1990 Datasheet HTML 4Page - Microsemi Corporation LX1990 Datasheet HTML 5Page - Microsemi Corporation LX1990 Datasheet HTML 6Page - Microsemi Corporation LX1990 Datasheet HTML 7Page - Microsemi Corporation LX1990 Datasheet HTML 8Page - Microsemi Corporation LX1990 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
 2001
Rev. 1.0c, 2002-05-29
LX1990
Dual Programmable LED Current Sink
INTEGR A T E D
PR ODU C T S
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T I NGS
INGS
INGS
INGS
Supply Voltage (VDD)........................................................................................ 6V
ENA Voltage ..................................................................................................... 6V
ISET Maximum Current ..............................................................Internally Limited
ISET Maximum Voltage...................................................................................VDD
IOUT Maximum Compliance Voltage ............................................................... 12V
Current Source Outputs .............................................................................. 100mA
Operating Temperature Range......................................................... -40°C to 85°C
Maximum Junction Temperature..................................................................125°C
Storage Temperature ..................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10sec)........................................................... 300°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
THERMA L D A TA
THERMA L D A TA
THERMA L D A TA
THERMA L D A TA
LM
Plastic MLP 6-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θθθθJA
41
°°°°C/W
Junction Temperature Calculation: TJ = TA + (PD x
θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
VDD
ENA
GND
I
OUTB
I
OUTA
IS ET
1
2
3
4
5
6
LM PACKAGE
(Top View)
1990
xxxx
LMI
LM PACKAGE MARKINGS
xxxx – Denotes Date Code / Lot Identification
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR I P T ION
IP TION
IP TION
IP TION
NAME
DESCRIPTION
VDD
Input Supply
GND
Common ground reference
ENA
Chip Enable Input. If logic high, current source outputs are enabled. If logic low, internal power is disconnected
from the VDD pin, disabling all functions. Logic threshold is 1.2 V.
IOUTA
&
IOUTB
Output Current Source. Two separate constant current outputs. Outputs may be loaded in any combination
without affecting regulation of the loaded output. If only one output is needed IOUTA & IOUTB must be shorted
together. In this case the value of ISET resistor must be doubled. Compliance voltage range is 0.1V to 10V.
ISET
Output current programming pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com