Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF247B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF247B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF247B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF247B Datasheet HTML 4Page - NXP Semiconductors BLF247B Datasheet HTML 5Page - NXP Semiconductors BLF247B Datasheet HTML 6Page - NXP Semiconductors BLF247B Datasheet HTML 7Page - NXP Semiconductors BLF247B Datasheet HTML 8Page - NXP Semiconductors BLF247B Datasheet HTML 9Page - NXP Semiconductors BLF247B Datasheet HTML 10Page - NXP Semiconductors BLF247B Datasheet HTML 11Page - NXP Semiconductors BLF247B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
August 1994
8
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF247B
List of components (see Figs 11 and 12)
COMPONENT
DESCRIPTION
VALUE
DIMENSION
CATALOGUE NO.
C1, C2
multilayer ceramic chip
capacitor; note 1
200 pF
C3
multilayer ceramic chip
capacitor; note 1
27 pF
C4, C6, C18
film dielectric trimmer
2 to 9 pF
2222 809 09005
C5
multilayer ceramic chip
capacitor; note 1
39 pF
C7
multilayer ceramic chip
capacitor; note 1
91 pF
C8, C11, C12,
C13, C27
multilayer ceramic chip
capacitor
100 nF; 50 V
2222 852 47104
C9, C10
multilayer ceramic chip
capacitor; note 1
2
× 1 nF in parallel
C14
multilayer ceramic chip
capacitor; note 1
2
× 36 pF in parallel
C15
multilayer ceramic chip
capacitor; note 1
18 pF
C16
film dielectric trimmer
2 to 18 pF
2222 809 09006
C17
multilayer ceramic chip
capacitor; note 1
6.8 pF
C19, C20
multilayer ceramic chip
capacitor; note 1
47 pF
C21, C26,
C29, C30
multilayer ceramic chip
capacitor; note 1
1nF
C22, C25, C28 electrolytic capacitor
10
µF; 63 V
2222 030 38109
C23, C24
multilayer ceramic chip
capacitor; note 1
2
× 470 nF in
parallel
L1, L3, L24,
L26
stripline; note 2
50
Ω
length 80 mm
width 4.8 mm
L2, L25
semi-rigid cable; note 3
50
Ω
ext. conductor:
length 80 mm
diameter 3.6 mm
L4, L5
stripline; note 2
43
Ω
length 30 mm
width 6 mm
L6, L7
stripline; note 2
43
Ω
length 10 mm
width 6 mm
L8, L9
stripline; note 2
43
Ω
length 2 mm
width 6 mm
L10, L11
stripline; note 2
43
Ω
length 4 mm
width 6 mm
L12, L13
stripline; note 2
43
Ω
length 10 mm
width 6 mm
L14, L17
Ferroxcube grade 3B wideband
HF choke
2 in parallel
4312 02036642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com