Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2803R3S/EM Datasheet(PDF) 1 Page - International Rectifier

Part # Z2803R3S/EM
Description  28V Input, Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2803R3S/EM Datasheet(HTML) 1 Page - International Rectifier

  Z2803R3S/EM Datasheet HTML 1Page - International Rectifier Z2803R3S/EM Datasheet HTML 2Page - International Rectifier Z2803R3S/EM Datasheet HTML 3Page - International Rectifier Z2803R3S/EM Datasheet HTML 4Page - International Rectifier Z2803R3S/EM Datasheet HTML 5Page - International Rectifier Z2803R3S/EM Datasheet HTML 6Page - International Rectifier Z2803R3S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
08/14/03
www.irf.com
1
LOW VOLTAGE
HIGH EFFICIENCY
RADIATION HARDENED
DC/DC CONVERTER
Z-ZERIES
Description
n Output Voltages from 1.5 to 3.3 Volts
n 20 Amps Output Current
n Synchronous Rectification
n Efficiency up to 88%
n Nominal 28 Volt Input
n Total Ionizing Dose > 100KRad (Si)
n No SEE to LET > 80 MeV•cm
2
/mg
n -40°C to +85°C Operating Range
n Short Circuit Protection
n Remote Sensing
n Adjustable Output Voltage
n Flexible Mounting Configuration
n High Power Density
n Derating To MIL-STD-975, MIL-STD-1547,
GSFC-PPL-21
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Base Plate Conduction Cooling
Features
28V Input, Single Output
The Z-Series of DC/DC converter modules has been
specifically designed in response to the need for low
voltage at moderate current levels supplied with the
high efficiency and tight regulation dictated by modern
digital processing applications. These converters are
designed specifically for operation in radiation environ-
ments that are presented to commercial communica-
tion satellites operating in long term GEO and LEO or-
bits. They have been created to complement the spec-
trum of electrical and radiation performance available
in the Advanced Analog ART2815T and M3G-Series
converters. Requirements occurring in space vehicles
operating in Geostationary orbits, launch boosters, sci-
entific space probes and similar applications requiring
a low voltage, high efficiency converter with well char-
acterized radiation hardness performance will be opti-
mally satisfied by the Z-Series converters.
An additional benefit of the Z-Series is high power den-
sity. This is facilitated by utilizing the best features of
chip and wire hybrid technology and surface mount fab-
rication techniques. The hybrid portion is fabricated in
a facility fully qualified to MIL-PRF-38534 and pro-
cessed to class K requirements. The standard process-
ing adopted for the Z-Series module has been created
to assure with margin the reliability required for space
applications. Applicable generic lot qualification test
data including radiation performance will be made avail-
able on request. Variations to the standard screening
may be accommodated. Consult IR Santa Clara for
special requirements.
PD- 94693A


Similar Part No. - Z2803R3S/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2803R5 IRF-Z2803R5 Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Z2803R5S IRF-Z2803R5S Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Z2803R5S/EM IRF-Z2803R5S/EM Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
More results

Similar Description - Z2803R3S/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
28V Input, Single and Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com