Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1005300L Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # R1005300L
Description  Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

R1005300L Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  R1005300L Datasheet HTML 1Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 2Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 3Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
R1005300L
Si Reverse, low current, 5 – 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
Page 1 of 4
2004 Nov 01
Document Revision Level A
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
5 to 100 MHz CATV amplifier
for reverse channel systems
DESCRIPTION
Hybrid reverse amplifier employing silicon dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
65
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f = 5 MHz
30.0
30.5
30.8
dB
Gp
power gain
f = 100 MHz
29.8
30.8
-
dB
SL
slope
1)
f = 5 to 100 MHz
-0.2
0.3
0.5
dB
FL
flatness of frequency
response
f = 5 to 100 MHz
-
± 0.3
dB
S11
input return loss
f = 5 to 100 MHz
20.0
-
dB
S22
output return loss
f = 5 to 100 MHz
20.0
-
dB
F
noise figure
f = 100 MHz
-
2.3
3.0
dB
Itot
total current
consumption (DC)
130.0
133.0
140.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
R1005300L
Si Reverse Hybrid , low current
5 – 100 MHz
30.8 dB typ. Gain @ 100 MHz
140 mA max. @ 24 VDC


Similar Part No. - R1005300L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R1005300L RFMD-R1005300L Datasheet
264Kb / 3P
30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
logo
Qorvo, Inc
R1005300L QORVO-R1005300L Datasheet
264Kb / 3P
30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
More results

Similar Description - R1005300L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R0605250L2 PDI-R0605250L2 Datasheet
125Kb / 4P
Si Reverse, low current, 5 - 65 MHz, 25.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605280L2 PDI-R0605280L2 Datasheet
125Kb / 4P
Si Reverse, low current, 5 - 65 MHz, 28.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605300L2 PDI-R0605300L2 Datasheet
125Kb / 4P
Si Reverse, low current, 5 - 65 MHz, 30.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605400L PDI-R0605400L Datasheet
129Kb / 4P
Si Reverse, low current, 5 - 65MHz, 40.3dB typ. Gain @ 65MHz, 160mA max. @ 24VDC
R1005250L PDI-R1005250L Datasheet
129Kb / 4P
Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
R2005280L PDI-R2005280L Datasheet
63Kb / 4P
Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
R2005300L PDI-R2005300L Datasheet
129Kb / 4P
Si Reverse, low current, 5 - 200MHz, 30.0dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R2005350L PDI-R2005350L Datasheet
64Kb / 4P
Si Reverse, low current, 5 - 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R3005250L PDI-R3005250L Datasheet
136Kb / 4P
Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
R3005300L PDI-R3005300L Datasheet
130Kb / 4P
Si Reverse, low current, 5 - 300MHz, 30.0dB typ. Gain @ 300MHz, 160mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com