Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4518B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4518B
Description  DUAL UP-COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4518B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4518B Datasheet HTML 1Page - STMicroelectronics HCF4518B Datasheet HTML 2Page - STMicroelectronics HCF4518B Datasheet HTML 3Page - STMicroelectronics HCF4518B Datasheet HTML 4Page - STMicroelectronics HCF4518B Datasheet HTML 5Page - STMicroelectronics HCF4518B Datasheet HTML 6Page - STMicroelectronics HCF4518B Datasheet HTML 7Page - STMicroelectronics HCF4518B Datasheet HTML 8Page - STMicroelectronics HCF4518B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4518B
HCC/HCF4520B
June 1989
DUAL UP-COUNTERS
.
MEDIUM-SPEED OPERATION – 6MHz TYP.
CLOCK FREQUENCY AT 10V
.
POSITIVE - OR NEGATIVE - EDGE TRIGGER-
ING
.
SYNCHRONOUS INTERNAL CARRY PROPA-
GATION
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4518B/4520B (extended temperature
range) and HCF4518B/4520B (intermediate tem-
perature range) are monolithic integrated circuits,
available in 16-lead dual in-line plastic or ceramic
package
and
plastic
micro
package.
The
HCC/HCF4518B Dual BCD Up Counter and
HCC/HCF4520B Dual Binary Up Counter each con-
sist of two identical, internally synchronous 4-stage
counters. The counter stages are D-type flip-flops
having interchangeable Clock and Enable lines for
incrementing on either the positive-going or nega-
tive-going transition. For single-unit operation the
Enable input is maintained ”high” and the counter
advances on each positive-going transition of the
Clock. The counters are cleared by high levels on
their Reset lines. The counter can be cascaded in
the ripple mode by connecting Q4 to the enable
input of the subsequent counter while the clock input
of the latter is held low.
HCC/HCF4518B
DUAL BCD UP-COUNTER
HCC/HCF4520B
DUAL BINARY UP-
COUNTER
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC45XXBF
HCF45XXBM1
HCF45XXBEY
HCF45XXBC1
PIN CONNECTIONS
M1
(Micro Package)
1/14


Similar Part No. - HCF4518B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4518BEY STMICROELECTRONICS-HCF4518BEY Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
HCF4518BM1 STMICROELECTRONICS-HCF4518BM1 Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
More results

Similar Description - HCF4518B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
CMOS DUAL UP COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
Dual Up Counters
January, 2006 ??Rev. 5
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
Dual BCD Up Counters
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
Cmos Dual Up-Counters
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com