Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-N Datasheet(PDF) 21 Page - SPANSION

Part # S29PL-N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-N Datasheet(HTML) 21 Page - SPANSION

Back Button S29PL-N Datasheet HTML 17Page - SPANSION S29PL-N Datasheet HTML 18Page - SPANSION S29PL-N Datasheet HTML 19Page - SPANSION S29PL-N Datasheet HTML 20Page - SPANSION S29PL-N Datasheet HTML 21Page - SPANSION S29PL-N Datasheet HTML 22Page - SPANSION S29PL-N Datasheet HTML 23Page - SPANSION S29PL-N Datasheet HTML 24Page - SPANSION S29PL-N Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
19
Preliminary
6
Product Overview
The S29PLxxxN family consists of 256 and 128 Mb, 3.0 volts-only, simultaneous read/write
page-mode read Flash devices that are optimized for wireless designs of today that demand large
storage array and rich functionality, while requiring low power consumption. These products also
offer 32-word buffer for programming with program and erase suspend/resume functionality. Ad-
ditional features include:
Advanced Sector Protection methods for protecting an individual or group of sectors as re-
quired,
256-word of secured silicon area for storing customer and factory secured information
Simultaneous Read/Write operation
6.1
Memory Map
The S29PL-N devices consist of 4 banks organized as shown in Tables 6.1, 6.2, and 6.3.
Note: Ellipses indicate that other addresses in sector range follow the same pattern.
Table 6.1 PL256N Sector and Memory Address Map
Bank
Bank
Size
Sector
Count
Sector Size
(KB)
Sector/
Sector Range
Address Range
Notes
A
4 MB
4
64
SA00
000000h-007FFFh
Sector Starting Address –
Sector Ending Address
64
SA01
008000h-00FFFFh
64
SA02
010000h-017FFFh
64
SA03
018000h-01FFFFh
15
256
SA04
020000h-03FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA018
1E0000h-1FFFFFh
B
12 MB
48
256
SA19
200000h-21FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA66
7E0000h-7FFFFFh
C
12 MB
48
256
SA67
800000h-81FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA114
DE0000h-DFFFFFh
D
4 MB
15
256
SA115
E00000h-E1FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA129
FC0000h-FDFFFFh
4
64
SA130
FE0000h-FE7FFFh
Sector Starting Address -
Sector Ending Address
64
SA131
FE8000h-FEFFFFh
64
SA132
FF0000h-FF7FFFh
64
SA133
FF8000h-FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com