Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADCSM0012SMB Datasheet(PDF) 5 Page - Tyco Electronics

Part # MADCSM0012SMB
Description  PCS LNA / Downconverter 1800-2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0012SMB Datasheet(HTML) 5 Page - Tyco Electronics

  MADCSM0012SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 5Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCS LNA/Downconverter
1800-2000 MHz
MADCSM0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
5
Typical Performance Curves vs. Temperature
Full Chain Noise Figure
Full Chain Input IP3
Full Chain IF Return Loss
Full Chain LO Return Loss
Full Chain Port to Port Isolation
Full Chain Conversion Gain vs. VCTL
0
1
2
3
4
1840
1845
1850
1855
1860
1865
1870
-30°C
+25°C
+85°C
Frequency (MHz)
-14
-12
-10
-8
-6
1840
1845
1850
1855
1860
1865
1870
-30°C
+25°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
150
175
200
225
250
275
300
-30°C
+25°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
1200
1400
1600
1800
2000
2200
-30°C
+25°C
+85°C
Frequency (MHz)
0
10
20
30
40
50
60
1840
1850
1860
1870
LO-to-IF
RF-to-IF
LO-to-RF
RF-to-LO
Frequency (MHz)
20
22
24
26
28
1840
1845
1850
1855
1860
1865
1870
1.0 V
2.0 V
3.0 V
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com