Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S30MS-P Datasheet(PDF) 21 Page - SPANSION

Part # S30MS-P
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS-P Datasheet(HTML) 21 Page - SPANSION

Back Button S30MS-P Datasheet HTML 17Page - SPANSION S30MS-P Datasheet HTML 18Page - SPANSION S30MS-P Datasheet HTML 19Page - SPANSION S30MS-P Datasheet HTML 20Page - SPANSION S30MS-P Datasheet HTML 21Page - SPANSION S30MS-P Datasheet HTML 22Page - SPANSION S30MS-P Datasheet HTML 23Page - SPANSION S30MS-P Datasheet HTML 24Page - SPANSION S30MS-P Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
August 4, 2006 S30MS-P_00_A7
S30MS-P ORNANDTM Flash Family
19
Da ta
Shee t
(Prelim i nar y )
Figure 9.8 Column Address Change in Read Cycle Timing Diagram (2/2)
Figure 9.9 Program Operation Timing Diagram
I/O
tCS
tCLS
tCLH
tCH
05h
tWC
tALS
tALH
CLE
ALE
tDH
tDS
Column address
B
E0h
tALH tALS
tREA
DOUT
A + N
tRHW
Page address
P
Column address
B
tRC
tCLR
tCR
tIR
DOUT
B+N'
DOUT
B+1
DOUT
B
A
WE#
Col.
Add1
Col.
Add2
Part A
Part B
CE#
RE#
RY/BY#
tCLS
tCLS
tALS
tDS t
DH
CLE
ALE
: VIH or VIL
tCLH
tCH
tCS
tDS t DH
tALH
I/O
: Do not input data while data is being output.
tCS
tPROG
tWB
tALH
tALS
DIN0
A
DIN1
DIN
2111 (x8)
10h
70h
Status
output
80h
1055 (x16)
Row
Add2
Row
Add1
Col.
Add2
Col.
Add1
Column Address A
CE#
WE#
RE#
RY/BY#
tRW
Page Address P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com