Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB32 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # AB32
Description  3.3V Bus Switches for PC100/PC133 DIMM Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

AB32 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  AB32 Datasheet HTML 1Page - Pericom Semiconductor Corporation AB32 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
09/16/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Application Brief AB-32
Figure 2. PI3B16226 Block Diagram
Pericom has recently introduced several bus switch products for
DIMM switching in computer, networking and multi-media applica-
tions with configuration up to 32 bits. It should be noted that ultra-
low quiescent power (0.2
µA typically) makes these products ide-
ally suited for notebook application. A detail of these products and
their compatibility to standard chipsets is shown in Figure 3.
Figure 3. Pericom’s DIMM Switching Bus Switch Selection Guide
12B
12B
12A
SF
1A
1B
1B
Pericom
BusSwitch
Configuration
Generic Chipset
Pin Count
Packages
PI3B16226
24:12 Mux/Demux
PC133 & RCC
40
BQSOP
PI3B16234
32:16 Mux/Demux
PC133 & RCC
56
TSSOP
PI5C16292
24:12 Mux/Demux
PC100TM & 440BXTM / 440GXTM
56
TSSOP
PI5C16225
24:12 Mux/Demux
PC133 & RCC
56
TSSOP
PI5C16226
24:12 Mux/Demux
PC133 & RCC
40
BQSOP
PI5C16234
32:16 Mux/Demux
PC133 & RCC
56
TSSOP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com