Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM4 Datasheet(PDF) 30 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 30 Page - EDA Technology Co.,LTD

Back Button CM4 Datasheet HTML 25Page - EDA Technology Co.,LTD CM4 Datasheet HTML 26Page - EDA Technology Co.,LTD CM4 Datasheet HTML 27Page - EDA Technology Co.,LTD CM4 Datasheet HTML 28Page - EDA Technology Co.,LTD CM4 Datasheet HTML 29Page - EDA Technology Co.,LTD CM4 Datasheet HTML 30Page - EDA Technology Co.,LTD CM4 Datasheet HTML 31Page - EDA Technology Co.,LTD CM4 Datasheet HTML 32Page - EDA Technology Co.,LTD CM4 Datasheet HTML 33Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
CM4 Industrial has a fan control interface J67.
J67 pin is defined as follows:
Pin ID
Pin Name
1
5V(no pull up)
2
5V(with pull up)
3
FAN_EN
4
GND
5
GND
FAN_EN is connected to GPIO24 of CM4 through an N-channel MOS transistor, and the fan and speed
can be controlled by controlling GPIO24.
5 Wireless Communication
5.1 WiFi
CM4 Industrial supports 2.4G/5G dual-band WiFi.
2.4G band
Parameter
Feature
frequency range
802.11b/g/n(HT20): 2412-2472MHz
802.11n(HT40): 2422-2462MHz
modulation system
802.11b:DSSS
802.11g/n:OFDM
Frequency Step
5M
5G band
Parameter
Feature
frequency range
802.11a/n/ac:
5150-5350MHz
5470-5725MHz
5725-5850MHz
modulation system
BPSK
Frequency Step
5M
5.2 Bluetooth
CM4 Industrial supports Bluetooth 5.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com