Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-CM4IO Datasheet(PDF) 21 Page - EDA Technology Co.,LTD

Part # ED-CM4IO
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-CM4IO Datasheet(HTML) 21 Page - EDA Technology Co.,LTD

Back Button ED-CM4IO Datasheet HTML 17Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 18Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 19Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 20Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 21Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 22Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 23Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 24Page - EDA Technology Co.,LTD ED-CM4IO Datasheet HTML 25Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Datasheet of ED-CM4IO Computer
EDA Technology Co.,LTD
– Electronics Development Accelerator
3.7 PoE Pin Header
The Gigabit network port of ED-CM4IO Computer supports POE power supply, and the POE power
supply terminal is led out through 1x2 2.54mm Pin Header, which needs to be equipped with official PoE
HAT module to realize POE power supply to ED-CM4IO Computer.
Pin definition of POE Pin Header is as follows
Pin
Function
1
VC1-
2
VC1+
3
VC2-
4
VC2+
3.8 PCIe
ED-CM4IO Computer has a standard PCIe Gen2 interface, supports 1 PCIe channel, and the speed is
up to 5Gbps.
Pin ID
Pin Name
Pin ID
Pin Name
B1
+12V
A1
NC
B2
+12V
A2
+12V
B3
+12V
A3
+12V
B4
GND
A4
GND
B5
NC
A5
+3.3V
B6
NC
A6
+3.3V
B7
GND
A7
NC
B8
+3.3V
A8
+3.3V
B9
+3.3V
A9
+3.3V
B10
+3.3V
A10
+3.3V
B11
NC
A11
PCIE_nRST
B12
PCIE_CLK_nREQ
A12
GND
B13
GND
A13
PCIE_CLK_P
B14
PCIE_TX_N
A14
PCIE_CLK_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com