Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5723/P Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5723/P
Description  3-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5723/P Datasheet(HTML) 4 Page - STMicroelectronics

  STV5723/P Datasheet HTML 1Page - STMicroelectronics STV5723/P Datasheet HTML 2Page - STMicroelectronics STV5723/P Datasheet HTML 3Page - STMicroelectronics STV5723/P Datasheet HTML 4Page - STMicroelectronics STV5723/P Datasheet HTML 5Page - STMicroelectronics STV5723/P Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified (continued)
Record Mode (VCC = 5V, Recadj = 12k
Ω, SWR = 5V, CAGCREC = 470pF, RRCY = 2.2kΩ,
RRCC = 8.2k
Ω, Load 10µH//1kΩ for each simulated head)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RECORD AMPLIFIER
ICC2
Current Supply
68
91
115
mA
IHA0
DC Current through IOUT
24
33
41
mA
IHA1
Fundamental
VRCY = 300mVPP @ 4MHz
30
32
34
mAPP
IHA2
2nd Harmonic
VRCY = 300mVPP @ 4MHz
-45
-38
dB
IHA2M
2nd Harmonic
VRCY = 400mVPP @ 4MHz,
AGC adjusted for IAH1 = 40mAPP
-34
dB
BWRECL
Attenuation at 100kHz
Reference level @ 600kHz, AGC locked
-3
0
1
dB
BWRECH
Attenuation at 8MHz
Reference level @ 4MHz, AGC locked
-2
-0.5
1
dB
DVLREC
Record AGC Sensitivity
VIN = 300mVPP
±3dB @ f = 4MHz
-0.2
0
+0.2
dB
RIOUT
Output Resistance
∆V = 5V
3.5
5.5
k
Ω
RSAT
Output Stage Resistance
∆I = 10mA
5
10
50
Ω
IRN
AGC Capacitor downloading
Current
4.5V at CAGC Pin
160
µA
IRP
AGC Capacitor uploading
Current
0.5V at CAGC Pin,
VIN = 300mVPP @ 4MHz
-165
µA
SWITCHING LEVELS
VSWINL
SWIN Input Voltage
Selects head H2
0
0.8
V
VSWIN1
SWIN Input Voltage
Selects head H1
1.3
2.3
V
VSWIN2
SWIN Input Voltage
Selects head H3
2.8
3.8
V
ISWINH
SWIN Input Leakage Current
5V at SWIN input
0.5
µA
ISWINL
SWIN Input Leakage Current
0V at SWIN input
-0.2
µA
VSWRCH
SWRC Input Threshold
Selects record mode, 0 to 5V
3.2
3.4
3.8
V
VSWRCL
SWRC Input Threshold
Selects playback mode, 5 to 0V
3.1
3.35
3.8
V
ISWRCH
SWRC Input Leakage Current
5V at SWRC input
2
5
8
mA
ISWRCL
SWRC Input Leakage Current
0V at SWRC input
-20
0
20
µA
tON
Delay
Signal appears on YCPB
1.6
ms
t1
Delay from playback to record :
Signal disappears on Pin YCPB
22nF between Hi/Vi
1
µs
t2
Delay from record to playback :
Signal appears on Pin YCPB
1.9
ms
t3
Delay from playback to record :
Signal appears on Pin IOUT
VRCY = 300mVPP @ 4MHz
2
ms
t4
Delay from record to playback :
Signal disappears on Pin IOUT
10
µs
VCSYH
CSYN Input Threshold
Sampling on, 0 to 5V
2.0
2.7
3.2
V
VCSYL
CSYN Input Threshold
Sampling off, 5 to 0V
2.0
2.6
3.1
V
ICSYH
Leakage Current
5V at CSYN Pin, Sampling on
-10
0
10
µA
ICSYL
Leakage Current
0V at CSYN Pin, Sampling off
-50
-16
-5
µA
STV5723/P
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com