Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4F4N Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN4F4N
Description  SILICON TRANSISTOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4F4N Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN4F4N Datasheet HTML 1Page - Renesas Technology Corp FN4F4N Datasheet HTML 2Page - Renesas Technology Corp FN4F4N Datasheet HTML 3Page - Renesas Technology Corp FN4F4N Datasheet HTML 4Page - Renesas Technology Corp FN4F4N Datasheet HTML 5Page - Renesas Technology Corp FN4F4N Datasheet HTML 6Page - Renesas Technology Corp FN4F4N Datasheet HTML 7Page - Renesas Technology Corp FN4F4N Datasheet HTML 8Page - Renesas Technology Corp FN4F4N Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
FN4xxx
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
DATA SHEET
Document No. D16491EJ3V0DS00 (3rd edition)
Date Published December 2005 NS CP(K)
Printed in Japan
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
FEATURES
• Compact package
• Resistors built-in type
• Complementary to FA4xxx
ORDERING INFORMATION
PART NUMBER
PACKAGE
FN4xxx
SC-59
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
−60
V
Collector to Emitter Voltage
VCEO
−50
V
Emitter to Base Voltage
VEBO
Note1
V
Collector Current (DC)
IC
−0.1
A
Collector Current (pulse)
Note2
IC(pulse)
−0.2
A
Total Power Dissipation
PT
0.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note 1.
PART NUMBER
VEBO
(V)
MARK
R1
(k
Ω)
R2
(k
Ω)
PART NUMBER
VEBO
(V)
MARK
R1
(k
Ω)
R2
(k
Ω)
FN4A4M
−10
NA1
10.0
10.0
FN4L4L
−15
NK1
47.0
22.0
FN4F4M
−10
NB1
22.0
22.0
FN4A4Z
−5
NL1
10.0
FN4L4M
−10
NC1
47.0
47.0
FN4F4Z
−5
NM1
22.0
FN4L3M
−10
ND1
4.7
4.7
FN4L4Z
−5
NN1
47.0
FN4L3N
−5
NE1
4.7
10.0
FN4F3M
−10
NP1
2.2
2.2
FN4L3Z
−5
NF1
4.7
FN4F3P
−5
NQ1
2.2
10.0
FN4A3Q
−5
NG1
1.0
10.0
FN4F3R
−5
NR1
2.2
47.0
FN4A4P
−5
NH1
10.0
47.0
FN4A4L
−15
NS1
10.0
4.7
FN4F4N
−5
NJ1
22.0
47.0
FN4L4K
−25
NT1
47.0
10.0
Note 2. PW
≤ 10 ms, Duty Cycle ≤ 50%
PACKAGE DRAWING (Unit: mm)
0.95
0.3
0.95
2.9 ± 0.2
1.1 to 1.4
0 to 0.1
0.16
+0.1
–0.06
21
3
+0.1
–0.05
0.4
+0.1
–0.05
0.4
Marking
EQUIVALENT CIRCUIT
2
R1
R2
1
3
PIN CONNECTION
1: Emitter
2: Base
3: Collector
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com