Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4F4Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FN4F4Z
Description  SILICON TRANSISTOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4F4Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  FN4F4Z Datasheet HTML 1Page - Renesas Technology Corp FN4F4Z Datasheet HTML 2Page - Renesas Technology Corp FN4F4Z Datasheet HTML 3Page - Renesas Technology Corp FN4F4Z Datasheet HTML 4Page - Renesas Technology Corp FN4F4Z Datasheet HTML 5Page - Renesas Technology Corp FN4F4Z Datasheet HTML 6Page - Renesas Technology Corp FN4F4Z Datasheet HTML 7Page - Renesas Technology Corp FN4F4Z Datasheet HTML 8Page - Renesas Technology Corp FN4F4Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet D16491EJ3V0DS
2
FN4xxx
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB =
−50 V, IE = 0
−100
nA
DC Current Gain
hFE1
VCE =
−5.0 V, IC = −5.0 mA
Note1
-
hFE2
VCE =
−5.0 V, IC = −50 mA
-
Collector Saturation Voltage
VCE(sat)
IC =
−5.0 mA, IB = −0.25 mA
−0.2
V
Low-level Input Voltage
VIL
VCE =
−5.0 V, IC = −100
μA
Note2
V
High-level Input Voltage
VIH
VCE =
−0.2 V, IC = −5.0 mA
V
Input Resistor
R1
Note3
k
Ω
Emitter to Base Resistor
R2
k
Ω
Note 1.
PART NUMBER
hFE1
hFE2
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
FN4A4M
35
100
80
-
FN4F4M
60
195
90
-
FN4L4M
85
340
95
-
FN4L3M
20
80
80
-
FN4L3N
35
100
80
-
FN4L3Z
135
600
100
-
FN4A3Q
35
100
80
-
FN4A4P
85
340
95
-
FN4F4N
85
340
95
-
FN4L4L
60
195
90
-
FN4A4Z
135
600
100
-
FN4F4Z
135
600
100
-
FN4L4Z
135
600
100
-
FN4F3M
8
50
50
-
FN4F3P
35
100
80
-
FN4F3R
85
340
95
-
FN4A4L
20
80
80
-
FN4L4K
35
100
80
-
Note 2.
PART NUMBER
VIL
VIH
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
FN4A4M
−0.8
−3.0
V
FN4F4M
−0.8
−4.0
V
FN4L4M
−0.8
−5.0
V
FN4L3M
−0.8
−3.0
V
FN4L3N
−0.6
−3.0
V
FN4L3Z
−0.5
−1.2
V
FN4A3Q
−0.5
−2.0
V
FN4A4P
−0.5
−3.0
V
FN4F4N
−0.6
−3.0
V
FN4L4L
−0.9
−6.0
V
FN4A4Z
−0.5
−2.0
V
FN4F4Z
−0.5
−3.0
V
FN4L4Z
−0.5
−4.0
V
FN4F3M
−0.8
−3.0
V
FN4F3P
−0.5
−2.0
V
FN4F3R
−0.5
−2.0
V
FN4A4L
−0.9
−6.0
V
FN4L4K
−2.0
−8.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com