Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP36N30P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP36N30P
Description  PolarHT Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP36N30P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP36N30P Datasheet HTML 1Page - IXYS Corporation IXTP36N30P Datasheet HTML 2Page - IXYS Corporation IXTP36N30P Datasheet HTML 3Page - IXYS Corporation IXTP36N30P Datasheet HTML 4Page - IXYS Corporation IXTP36N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
300
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
300
V
V
GSM
±20
V
I
D25
T
C = 25°C36
A
I
DM
T
C = 25°C, pulse width limited by TJM
90
A
I
AR
T
C = 25°C36
A
E
AR
T
C = 25°C30
mJ
E
AS
T
C = 25°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
10
V/ns
T
J ≤ 150°C, RG = 10 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
Maximum tab temperature for soldering
260
°C
TO-263 package for 10s
M
d
Mounting torque
(TO-3P / TO-220)
1.13/10 Nm/lb.in.
Weight
TO-3P
5.5
g
TO-220
4
g
TO-263
3
g
G = Gate
D = Drain
S = Source
TAB = Drain
DS99155(03/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
300
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
92
110
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
PolarHTTM
Power MOSFET
Advanced Technical Information
N-Channel Enhancement Mode
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
PolarHTTM DMOS transistors
utilize proprietary designs and
process. US patent is pending.
TO-263 (I
XTA)
TO-220 (I
XTP)
TO-3P (IXTQ)
G
D
S
(TAB)
D
(TAB)
G
S
G
S
(TAB)
IXTQ 36N30P
IXTA 36N30P
IXTP 36N30P
V
DSS
=
300
V
I
D25
=
36
A
R
DS(on) =
110 m
Ω
Ω
Ω
Ω
Ω


Similar Part No. - IXTP36N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP36P15P IXYS-IXTP36P15P Datasheet
180Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTP36N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ82N25P IXYS-IXTQ82N25P Datasheet
610Kb / 5P
PolarHT Power MOSFET
IXTK140N20P IXYS-IXTK140N20P Datasheet
564Kb / 5P
PolarHT Power MOSFET
IXTQ64N25 IXYS-IXTQ64N25 Datasheet
577Kb / 5P
PolarHT Power MOSFET
IXTQ69N30 IXYS-IXTQ69N30 Datasheet
107Kb / 5P
PolarHT Power MOSFET
IXTQ110N055P IXYS-IXTQ110N055P Datasheet
120Kb / 5P
PolarHT Power MOSFET
IXTA62N15P IXYS-IXTA62N15P Datasheet
251Kb / 5P
PolarHT Power MOSFET
IXTK102N30P IXYS-IXTK102N30P Datasheet
224Kb / 5P
PolarHT Power MOSFET
IXTK120N25P IXYS-IXTK120N25P Datasheet
161Kb / 5P
PolarHT Power MOSFET
IXTH88N30P IXYS-IXTH88N30P Datasheet
593Kb / 5P
PolarHT Power MOSFET
IXTQ200N06P IXYS-IXTQ200N06P Datasheet
155Kb / 5P
PolarHT Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com