Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15006A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15006A
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15006A Datasheet HTML 1Page - Maxim Integrated Products MAX15006A Datasheet HTML 2Page - Maxim Integrated Products MAX15006A Datasheet HTML 3Page - Maxim Integrated Products MAX15006A Datasheet HTML 4Page - Maxim Integrated Products MAX15006A Datasheet HTML 5Page - Maxim Integrated Products MAX15006A Datasheet HTML 6Page - Maxim Integrated Products MAX15006A Datasheet HTML 7Page - Maxim Integrated Products MAX15006A Datasheet HTML 8Page - Maxim Integrated Products MAX15006A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V, IOUT = 1mA, CIN = 0.1µF, COUT = 2.2µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical specifications are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +45V
EN to GND..............................................................-0.3V to +45V
OUT to GND ...........................................................-0.3V to +12V
OUT Short-Circuit Duration ........................................Continuous
Maximum Current Into Any Pin (except IN and OUT) ......±50mA
Continuous Power Dissipation (TA = +70°C)
6-Pin TDFN-EP (derate 23.8mW/°C above +70°C) .......1904mW*
8-Pin SO-EP (derate 23.3mW/°C above +70°C) .........1860mW*
Thermal Resistance
θJA, 6-Pin TDFN ...........................................................42°C/W
θJC, 6-Pin TDFN ..........................................................8.5°C/W
θJA, 8-Pin SO-EP ..........................................................43°C/W
θJC, 8-Pin SO-EP............................................................7°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
440
V
IOUT = 0 (MAX15006)
10
17
IOUT = 0 (MAX15007)
11
18
IOUT = 100µA (MAX15006)
10.5
18
IOUT = 100µA (MAX15007)
11.5
19
IOUT = 1mA (MAX15006)
12
20
IOUT = 1mA (MAX15007)
13
21
IOUT = 50mA (MAX15006)
90
150
Ground Current
IGND
Regulator on,
measured at GND
IOUT = 50mA (MAX15007)
93
150
µA
Shutdown Supply Current
ISHDN
Regulator off (MAX15007 only)
3
5
µA
REGULATOR
Guaranteed Output Current
IOUT
VIN
≥ VOUT + ΔVDO
50
mA
MAX15006A/MAX15007A
3.25
3.3
3.35
Output Voltage
VOUT
IOUT = 1mA (Note 2)
MAX15006B/MAX15007B
4.925
5.0
5.075
V
IOUT = 5mA, MAX15006B/MAX15007B
30
53
IOUT = 50mA, MAX15006B/MAX15007B
300
525
Dropout Voltage (Notes 3, 4)
ΔVDO
IOUT = 50mA, MAX15006A/MAX15007A
700
mV
Line Regulation
6V
≤ VIN ≤ 35V, IOUT = 1mA
0.25
%
Load Regulation
VIN = VOUT + 3V, IOUT = 100µA to 50mA
0.7
1.5
%
*As per JEDEC51 Standard (Multilayer Board).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com