Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100 Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 17Page - Pico Technology Ltd. 100 Datasheet HTML 18Page - Pico Technology Ltd. 100 Datasheet HTML 19Page - Pico Technology Ltd. 100 Datasheet HTML 20Page - Pico Technology Ltd. 100 Datasheet HTML 21Page - Pico Technology Ltd. 100 Datasheet HTML 22Page - Pico Technology Ltd. 100 Datasheet HTML 23Page - Pico Technology Ltd. 100 Datasheet HTML 24Page - Pico Technology Ltd. 100 Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Calibration and measurement reference standards
Pico Technology offers a range of short, open, load and through (SOLT), 4-piece, 5-port manual calibration kits in male and female genders. All kits have high-performance, tight-
tolerance stainless steel interface connectors and are supplied as an assembled five-port “Y” SOLT. They can be disassembled for individual usage, or for economical refurbishment
should a calibration standard be damaged. Each SOLT is supplied with calibration data linked to the kit serial number.
Both the Standard and Premium kits offer exceptional
residual directivity for the price. It is this that combines
with good uncorrected port match on the PicoVNAs to
deliver exceptional price-performance.
Premium PC3.5 kits are calibrated to reduced uncertainty
using TRL intercomparison above 1.5 GHz.
* SMA, PC3.5 and K-type/2.92 connectors can all be
mated with each other. SMA type has solid dielectric,
PC3.5 has air dielectric.
Order code
Name
Type
Ports
Impedance Connector*
Characterization*
TA344
SOLT-STD-M
Standard
manual
SOLT
5
(short,
open,
load,
through)
50 Ω
SMA(m)
Full S-parameter
300 kHz to 8.5 GHz.
Serial-numbered
.kit file provided
on USB memory
stick.
TA345
SOLT-STD-F
SMA(f)
TA346
SOLT-PREM-M Premium
manual
SOLT
PC3.5(m)
TA347
SOLT-PREM-F
PC3.5(f)
Automated E-Cal USB-controlled and ovened calibration standards
Minimized as far as possible, the manual calibration process involves several torqued connect/disconnect operations and a manual loading of unique data files for each standard.
The E-Cal SOLT calibration process reduces this to just one connection by internally switching its calibration standards. The process becomes automatic and highly repeatable, with
power, control and data read all managed by the PicoVNA software over a USB interface.
Fast, convenient and less error-prone, an E-Cal standard is to an extent compromised by switch errors, resulting in non-ideal short, open, load and through. Mitigating this, the
PicoVNA E-Cal standards include fast-rise oven control of device temperature, and seventeen traceable, full span s-parameters characterize the now stable imperfections. It is also
true that the convenience, de-skilling and speed of automated calibration tend to promote more regular calibration, and thus more accurate, repeatable and reliable measurement –
so much so that some process managers insist upon an automated E-Cal.
All PicoVNA calibration and check standards (below) are calibrated against fully traceable PC3.5 standards and are supplied in a protective carry case. Further specifications for the
instrument and calibration kits can be found on later pages. We also offer a calibration service for Pico standards: see Ordering information.
Order code
Name
Type
Ports
Standards
Impedance Connector*
Characterization
TA518
SOLT-AUTO-M
Ovened
USB-
controlled
automated
E-Cal SOLT
2
Short, open,
load, through
and separate
characterized/
polarized port
adaptor
50 Ω
SMA(m)
Full S-parameter
300 kHz to 8.5 GHz.
Embedded and read
from USB device
TA519
SOLT-AUTO-F
SMA(f)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com