Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3000 Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Datasheet(HTML) 3 Page - Pico Technology Ltd.

  3000 Datasheet HTML 1Page - Pico Technology Ltd. 3000 Datasheet HTML 2Page - Pico Technology Ltd. 3000 Datasheet HTML 3Page - Pico Technology Ltd. 3000 Datasheet HTML 4Page - Pico Technology Ltd. 3000 Datasheet HTML 5Page - Pico Technology Ltd. 3000 Datasheet HTML 6Page - Pico Technology Ltd. 3000 Datasheet HTML 7Page - Pico Technology Ltd. 3000 Datasheet HTML 8Page - Pico Technology Ltd. 3000 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PicoScope 3000 Series
High bandwidth, high sampling rate, deep memory
Despite their compact size and low cost, there is no compromise on performance, with input bandwidths up to 200 MHz. This bandwidth is matched by a real-time sampling rate of
up to 1 GS/s, enabling detailed display of high frequencies. For repetitive signals, the maximum effective sampling rate can be boosted to 10 GS/s using equivalent time sampling
(ETS) mode. With a sampling rate of at least five times the input bandwidth, PicoScope 3000 Series oscilloscopes are well equipped to capture high-frequency signal detail.
Many other oscilloscopes have high maximum sampling rates, but without deep memory they cannot sustain these rates on long timebases. The PicoScope 3000 Series offers up
to 512 million samples capture memory, enabling the PicoScope 3406D MSO to sample at 1 GS/s all the way down to 50 ms/div (500 ms total capture time).
Managing all this data calls for some powerful tools. There’s a set of zoom buttons, plus an overview window that lets you zoom and reposition the display by simply dragging with
the mouse or touchscreen. Zoom factors of several million are possible. Other tools such as the waveform buffer navigator, mask limit testing, serial decoding, DeepMeasure and
hardware acceleration work with the deep memory, making the PicoScope 3000 series some of the most capable oscilloscopes on the market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com